Electronic Components Datasheet Search
  English  ▼

X  

MP2212 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2212
Description  16V, 3A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2212 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2212 Datasheet HTML 4Page - Monolithic Power Systems MP2212 Datasheet HTML 5Page - Monolithic Power Systems MP2212 Datasheet HTML 6Page - Monolithic Power Systems MP2212 Datasheet HTML 7Page - Monolithic Power Systems MP2212 Datasheet HTML 8Page - Monolithic Power Systems MP2212 Datasheet HTML 9Page - Monolithic Power Systems MP2212 Datasheet HTML 10Page - Monolithic Power Systems MP2212 Datasheet HTML 11Page - Monolithic Power Systems MP2212 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP2212 – 16V, 3A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2212 Rev. 1.01
www.MonolithicPower.com
8
2/22/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
FUNCTIONAL DESCRIPTION
PWM Control
The MP2212 is a constant frequency peak-
current-mode control PWM switching regulator.
Refer to the functional block diagram. The high
side N-Channel DMOS power switch turns on at
the beginning of each clock cycle. The current in
the inductor increases until the PWM current
comparator trips to turn off the high side DMOS
switch. The peak inductor current at which the
current comparator shuts off the high side power
switch is controlled by the COMP voltage at the
output
of
feedback
error
amplifier.
The
transconductance from the COMP voltage to the
output current is set at 11.25A/V.
This current-mode control greatly simplifies the
feedback compensation design by approximating
the switching converter as a single-pole system.
Only Type II compensation network is needed,
which is integrated into the MP2212. The internal
compensation in the MP2212 simplifies the
compensation
design,
minimizes
external
component counts. The loop bandwidth can be
adjusted by adding a feed-forward capacitor
which is in parallel with the feedback resistor from
output to FB pin.
Enable and Frequency Synchronization
(EN/SYNC PIN)
This is a dual function input pin. Forcing this pin
below 0.4V for longer than 4
μs shuts down the
part; forcing this pin above 1.6V for longer than
4µs turns on the part. Applying a 500kHz to 2MHz
clock signal to this pin also synchronizes the
internal oscillator frequency to the external clock.
When the external clock is used, the part turns on
after detecting the first few clocks regardless of
duty cycles. If any ON or OFF period of the clock
is longer than 4µs, the signal will be intercepted
as
an
enable
input
and
disables
the
synchronization. For automatic startup, connect
this pin to VCC with a pull-up resistor. Don’t apply
a voltage more than VCC to this pin.
Soft-Start and Output Pre-Bias Startup
When the soft-start period starts, an internal
current source begins charging an internal soft-
start capacitor. During soft-start, the voltage on
the soft-start capacitor is connected to the non-
inverting input of the error amplifier. The soft-start
period lasts until the voltage on the soft-start
capacitor exceeds the reference voltage of 0.8V.
At this point the reference voltage takes over at
the non-inverting error amplifier input. The soft-
start time is internally set at 120µs. If the output of
the MP2212 is pre-biased to a certain voltage
during startup, the IC will disable the switching of
both high-side and low-side switches until the
voltage on the internal soft-start capacitor
exceeds the sensed output voltage at the FB pin.
Over Current Protection
The MP2212 offers cycle-to-cycle current limiting
for both high-side and low-side switches. The
high-side current limit is relatively constant
regardless of duty cycles. When the output is
shorted to ground, causing the output voltage to
drop below 50% of its nominal output, the IC is
shut down momentarily and begins discharging
the soft start capacitor. It will restart with a full
soft-start when the soft-start capacitor is fully
discharged. This hiccup process is repeated until
the fault is removed.
Bootstrap (BST PIN)
The gate driver for the high-side N-channel
DMOS power switch is supplied by a bootstrap
capacitor connected between the BS and SW pins.
When the low-side switch is on, the capacitor is
charged through an internal boost diode. When
the high-side switch is on and the low-side switch
turns off, the voltage on the bootstrap capacitor is
boosted above the input voltage and the internal
bootstrap diode prevents the capacitor from
discharging.
Input UVLO
Both VCC and IN pins have input UVLO detection.
Until both VCC and IN voltage exceed under
voltage lockout threshold, the parts remain in
shutdown condition. There are also under voltage
lockout hysesteres at both VCC and IN pins.
VCC Power Supply
VCC is the power supply of both the internal
control circuit and the gate drivers.
Generally, the VCC power supply could be
provided directly by a proper power rail or
generated from other VCC generation circuits. For
instance, Figure6 shows a typical VCC generation
circuit for VOUT=5V application.
It is noteworthy that the voltage applied on the
VCC pin should never be higher than 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com