Electronic Components Datasheet Search
  English  ▼

X  

MP2212 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2212
Description  16V, 3A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2212 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2212 Datasheet HTML 6Page - Monolithic Power Systems MP2212 Datasheet HTML 7Page - Monolithic Power Systems MP2212 Datasheet HTML 8Page - Monolithic Power Systems MP2212 Datasheet HTML 9Page - Monolithic Power Systems MP2212 Datasheet HTML 10Page - Monolithic Power Systems MP2212 Datasheet HTML 11Page - Monolithic Power Systems MP2212 Datasheet HTML 12Page - Monolithic Power Systems MP2212 Datasheet HTML 13Page - Monolithic Power Systems MP2212 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP2212 – 16V, 3A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2212 Rev. 1.01
www.MonolithicPower.com
10
2/22/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. If
electrolytic capacitor is used, pay attention to
output ripple voltage, extra heating, and the
selection of feedback resistor R1 (refer to “Output
Voltage Setting” section) due to large ESR of
electrolytic capacitor. The output ripple ∆VOUT is
approximately:
OUT
IN
OUT
OUT
IN
OSC
OSC
Vx(V
V
)
1
V
x(ESR
)
V xf
xL
8xf
xC3
−
Δ≤
+
The output capacitance is recommended to be
less than 100μF.
External Schottky Diode
For this part, an external schottky diode is
recommended to be placed close to "SW" and
"GND" pins, especially when the output current is
larger than 2A.
With the external schottky diode, the voltage
spike and negative kick on "SW" pin can be
minimized; moreover, the conversion efficiency
can also be improved a little.
For the external schottky diode selection, it's
noteworthy that the maximum reverse voltage
rating of the external diode should be larger than
the maximum input voltage. As for the current
rating of this diode, 0.5A rating should be
sufficient.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance. If change
is necessary, please follow these guidelines as
follows. Here, the typical application circuit is
taken as an example to illustrate the key layout
rules should be followed.
1) For MP2212DQ, a PCB layout with more than
(or) four layers is recommended.
2) The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces.
3) For MP2212DQ, two input ceramic capacitors
(2 x (10μF~22μF)) are strongly recommended to
be placed on both sides of the MP2212DQ
package and keep them as close as possible to
the “IN” and “GND” pins.
For MP2212DN, an input ceramic capacitor
should be placed as close as possible to “IN” and
“GND” pins.
4) A RC low pass filter is recommended for VCC
supply. The VCC decoupling capacitor must be
placed as close as possible to “VCC” pin and
“GND” pin.
5) The external feedback resistors shall be
placed next to the FB pin. Keep the FB trace as
short as possible.
6) Keep the switching node SW short and away
from the feedback network.
Top Layer
Inner Layer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com