Electronic Components Datasheet Search
  English  ▼

X  

MP2212 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2212
Description  16V, 3A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2212 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2212 Datasheet HTML 6Page - Monolithic Power Systems MP2212 Datasheet HTML 7Page - Monolithic Power Systems MP2212 Datasheet HTML 8Page - Monolithic Power Systems MP2212 Datasheet HTML 9Page - Monolithic Power Systems MP2212 Datasheet HTML 10Page - Monolithic Power Systems MP2212 Datasheet HTML 11Page - Monolithic Power Systems MP2212 Datasheet HTML 12Page - Monolithic Power Systems MP2212 Datasheet HTML 13Page - Monolithic Power Systems MP2212 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2212 – 16V, 3A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2212 Rev. 1.01
www.MonolithicPower.com
12
2/22/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Vout
1.8V/3A
BS
IN
Vcc
SW
EN/SYNC
FB
GND
MP2212DQ
4,7
5
3,8
1
2,9
6
10
Vin
3V to 16V
C3
47
R1
12.4k
R2
10k
L1
3.3
C5
100nF
C2
22
R3
100k
R4
10
C4
1
D1
B0530
Vcc
3V to 6V
C1
22
C6 560pF
Figure 5—Typical Application Circuit of MP2212DQ
BS
IN
Vcc
SW
EN/SYNC
FB
GND
MP2212DQ
4,7
5
3,8
1
2,9
6
10
Vin
9~16V
Vout
5V/3A
C3
47
R1
10k
R2
1.91k
L1
3.3
C5
100nF
C2
22
R3
100k
R4
10k
C4
1
D1
B0530
C1
22
D2
B0530
Z1
4.7V
Q1
MMBT3904
Figure6―MP2212DQ with A VCC Generation Circuit
BS
IN
Vcc
SW
EN/SYNC
FB
GND
MP2212DN
34
6,7
1
2
5
8
Vin
3V to 16V
Vout
1.8V/3A
C2
47
R1
12.4k
R2
10k
L1
3.3
C4
100nF
C1
22
R4
100k
R3
10
C3
1
D1
B0530
Vcc
3V to 6V
C5 560pF
Figure 7 ―Typical Application Circuit of MP2212DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com