Electronic Components Datasheet Search
  English  ▼

X  

8936 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 8936
Description  VOICE COIL MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8936 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 8936 Datasheet HTML 2Page - Allegro MicroSystems 8936 Datasheet HTML 3Page - Allegro MicroSystems 8936 Datasheet HTML 4Page - Allegro MicroSystems 8936 Datasheet HTML 5Page - Allegro MicroSystems 8936 Datasheet HTML 6Page - Allegro MicroSystems 8936 Datasheet HTML 7Page - Allegro MicroSystems 8936 Datasheet HTML 8Page - Allegro MicroSystems 8936 Datasheet HTML 9Page - Allegro MicroSystems 8936 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8936
VOICE
COIL
MOTOR
DRIVER
TM
MicroSystems, Inc.
TM
A
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
A8936CJT
Dimensions in Inches
(Based on 1 mm = 0.03937”)
33
48
Dwg. MA-004 in
0.0197
BSC
1
0.005
0.017
0.0035
0.0079
0.050
0.065
INDEX
MARK
0.018
0.030
0.0039
±0.0024
64
0.394
BSC
0.472
BSC
0.472
BSC
0.394
BSC
49
32
16
17
EJECTOR
MARK
NOTES: 1. This device is similar to JEDEC registration MO-136BJ except for certain tolerances. Contact factory for detailed information.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.
4. The top package body size may be smaller than the bottom package body size by as much as 0.006”.
Body dimensions include mold mismatch but do not include mold protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com