Electronic Components Datasheet Search
  English  ▼

X  

8936 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8936
Description  VOICE COIL MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8936 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8936 Datasheet HTML 1Page - Allegro MicroSystems 8936 Datasheet HTML 2Page - Allegro MicroSystems 8936 Datasheet HTML 3Page - Allegro MicroSystems 8936 Datasheet HTML 4Page - Allegro MicroSystems 8936 Datasheet HTML 5Page - Allegro MicroSystems 8936 Datasheet HTML 6Page - Allegro MicroSystems 8936 Datasheet HTML 7Page - Allegro MicroSystems 8936 Datasheet HTML 8Page - Allegro MicroSystems 8936 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
8936
VOICE
COIL
MOTOR
DRIVER
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
CC
= V
DD
= 5.0 V, V
REF
= V
IN
=
2.0 V,
Load = 150
µH/3.5 Ω (unless otherwise noted).
(Source + Sink)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Error Amplifier
Input Offset Voltage
VIO
ILOAD = 0 mA
——
50
mV
Current Gain
AiH
H GAIN
≥ 3.5 V
7200
8000
8800
—
AiL
H GAIN
≤ 0.7 V
1800
2000
2200
—
Current Gain Linearity
EL(adj)
IOUT = 5 mA to 500 mA, Ai = AiL
——
±10
%
IOUT = 5 mA to 500 mA, Ai = AiH
——
±10
%
Reference Voltage Range
VREF
1.5
—
2.5
V
Current-Sense Amplifier
Voltage Gain
AVD
Rs = Rgm
—
1.0
——
Input Offset Voltage
ViO
ILOAD = 0 mA, Ai = AiL
——
±25
mV
Output Drivers
Output Saturation Voltage
VDS(SAT)
ILOAD = 100 mA
—
0.25
—
V
ILOAD = 500 mA
—
1.5
—
V
Retract Output Saturation Voltage
VDS(SAT)
IOUT ≤ 150 mA
——
1.0
V
Output Current
IO
Pulse Test,
±600 mA Limited
——
±500
mA
Full Power Bandwidth
BW
-3 dB
1.0
——
kHz
Window Comparator
Lower Trip Point
VELIN
1.12
1.25
1.38
V
Upper Trip Point
VELIN
2.47
2.75
3.03
V
Uncommitted Op Amp
Voltage Gain
AVS
—
91
—
dB
Unity Gain Bandwidth
BW
—
1.0
—
MHz
Max. Load Capacitance
CLOAD
40
——
pF
Slew Rate
SR
—
4.2
—
V/
µs
Output Voltage
VO
VIO = 100 mV
2.5
—
3.5
V
Max. Output Current
IO
—
±250
—
µA
Input Offset Voltage
VIO
——
±10
mV
Continued next page …
Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com