Electronic Components Datasheet Search
  English  ▼

X  

8936 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8936
Description  VOICE COIL MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8936 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8936 Datasheet HTML 1Page - Allegro MicroSystems 8936 Datasheet HTML 2Page - Allegro MicroSystems 8936 Datasheet HTML 3Page - Allegro MicroSystems 8936 Datasheet HTML 4Page - Allegro MicroSystems 8936 Datasheet HTML 5Page - Allegro MicroSystems 8936 Datasheet HTML 6Page - Allegro MicroSystems 8936 Datasheet HTML 7Page - Allegro MicroSystems 8936 Datasheet HTML 8Page - Allegro MicroSystems 8936 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8936
VOICE
COIL
MOTOR
DRIVER
TM
MicroSystems, Inc.
TM
A
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Miscellaneous
Under-Voltage Lockout Voltage
VCC
VCC = VDD
3.9
4.2
4.35
V
Fault Logic Output
VFAULT
VRETRACT ≥ 3.5 V
——
500
mV
VRETRACT ≤ 0.7 V
4.5
——
V
IFAULT
VFLT = 2.25 V
20
——
µA
Power-On Reset
VMPRESET
VRETRACT ≥ 3.5 V
4.5
——
V
VRETRACT ≤ 0.7 V, IMPRESET = 1.5 mA
——
800
mV
Total Supply Current
ICC + IDD
Outputs Balanced, No Load
——
10
mA
Sleep Mode, PWR OFF = VCC
——
2.0
mA
Logic Input Voltage
VIN(0)
——
0.7
V
VIN(1)
3.5
——
V
Thermal Shutdown Temperature
TJ
—
165
—
°C
Thermal Shutdown Hysteresis
∆T
J
—
20
—
°C
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
CC
= V
DD
= 5.0 V, V
REF
= V
IN
=
2.0 V,
Load = 150
µH/3.5 Ω (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com