Electronic Components Datasheet Search
  English  ▼

X  

8936 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8936
Description  VOICE COIL MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8936 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8936 Datasheet HTML 1Page - Allegro MicroSystems 8936 Datasheet HTML 2Page - Allegro MicroSystems 8936 Datasheet HTML 3Page - Allegro MicroSystems 8936 Datasheet HTML 4Page - Allegro MicroSystems 8936 Datasheet HTML 5Page - Allegro MicroSystems 8936 Datasheet HTML 6Page - Allegro MicroSystems 8936 Datasheet HTML 7Page - Allegro MicroSystems 8936 Datasheet HTML 8Page - Allegro MicroSystems 8936 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8936
VOICE
COIL
MOTOR
DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
TM
MicroSystems, Inc.
TM
A
8936
VOICE COIL MOTOR DRIVER
Providing control and drive of the voice coil motor used for head
positioning in 5 V disk drive applications, the A8936C— is a full-bridge
driver which can be configured so that its output current is a direct
function of an externally applied control voltage or current. This linear
current control function is supplemented by additional circuitry to
protect the heads and the data disk during system failure or normal
system shutdown. An under- or over-velocity sense disables the
system in a controlled sequence if a fault condition occurs.
The two
±500 mA MOS driver outputs provide very low saturation
voltage and minimal power dissipation. Additional headroom is
achieved by the sense-FET structure eliminating the need for an
external current-sense resistor. Thermal protection and under-voltage
lockout disables the system in a controlled sequence if a fault condi-
tion occurs.
FEATURES
s Over-Velocity Fault Function
s Lossless Current Sensing
s Zero Deadband
s High Transconductance Bandwidth
s User-Adjustable Transconductance Gain
s Digital Transconductance Gain Switch (4:1 Ratio)
s 5 Volt Monitor with Selectable UV Trip Point
s Retract Circuitry Functional to 0 Volts
s Chip Enable/Sleep Mode Function
s 1 V at 500 mA Output Saturation Voltage
s Internal Thermal Shutdown Circuitry
INTERIM DATA SHEET
(Subject to change without notice)
March 16, 1993
A8936CLW
ABSOLUTE
MAXIMUM
RATINGS
Supply Voltages, V
CC
and V
DD
........... 6.0 V
Output Current, I
OUT
(peak) ..........
±600 mA
(continuous) ...........................
±500 mA
Analog Input Voltage Range,
V
IN
................................... -0.3 V to V
CC
Logic Input Voltage Range,
V
IN
............................... -0.3 V to +6.0 V
Package Power Dissipation,
P
D
........................................ See Graph
Operating Temperature Range,
T
A
..................................... 0
°C to +70°C
Junction Temperature, T
J
.............. +150
°C†
Storage Temperature Range,
T
S
................................ -55
°C to +150°C
† Fault conditions that produce excessive
junction temperature will activate device thermal
shutdown circuitry. These conditions can be
tolerated, but should be avoided.
Output current rating may be restricted to a value
determined by system concerns and factors.
These include: system duty cycle and timing,
ambient temperature, and use of any heatsinking
and/or forced cooling. For reliable operation the
specified maximum junction temperature should
not be exceeded.
Q
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
RET SET
LOAD
SUPPLY
ACT
REFERENCE
H GAIN
PWR OFF
RET REF
GROUND
EN VEL FLT
OUT
SIGNAL
SUPPLY
VELIN
IN N
R OUT P
UV
SET
V BEMF
V FLT
CC
V
VSENS
VEL FLT
V
SENS FB
SGND N
OUTP
OUT N
V
DD
SGND P
ACT FB
Dwg. PP-046A
RETRACT
FAULT
MP RESET
WINDOW
COMP.
+
–
+
–
PROTECT
CIRCUIT
PROTECT
CIRCUIT
V
REF
V
REF
R
S
Always order by complete part number:
Part Number Package
A8936CJT
64-Lead Thin Quad Flatpack
A8936CLW
28-Lead SOIC


Similar Part No. - 8936

ManufacturerPart #DatasheetDescription
logo
Heyco.
8936 HEYCO-8936 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
logo
FCI connector
89361 FCI-CONNECTOR-89361 Datasheet
147Kb / 2P
2.00mm IDC 0.2,UM Au
logo
Amphenol Communications...
89361 AMPHENOLCS-89361 Datasheet
2Mb / 15P
Minitek® Crimp-to-Wire
89361-106LF AMPHENOLCS-89361-106LF Datasheet
2Mb / 15P
Minitek® Crimp-to-Wire
logo
NTE Electronics
89368 NTE-89368 Datasheet
14Kb / 1P
50V CERAMIC DISC
More results

Similar Description - 8936

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
VOICE COIL MOTOR DRIVER
Nov-1991
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
VOICE COIL MOTOR DRIVER
Jul-1996
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
12V VOICE COIL MOTOR DRIVER
Feb-1998
logo
Vishay Siliconix
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
12-V Voice Coil Motor Driver
24-Jun-02
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
VOICE-COIL MOTOR DRIVER
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907_16 Datasheet
406Kb / 11P
Low Voltage Voice Coil Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com