Electronic Components Datasheet Search
  English  ▼

X  

8936 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8936
Description  VOICE COIL MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8936 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8936 Datasheet HTML 1Page - Allegro MicroSystems 8936 Datasheet HTML 2Page - Allegro MicroSystems 8936 Datasheet HTML 3Page - Allegro MicroSystems 8936 Datasheet HTML 4Page - Allegro MicroSystems 8936 Datasheet HTML 5Page - Allegro MicroSystems 8936 Datasheet HTML 6Page - Allegro MicroSystems 8936 Datasheet HTML 7Page - Allegro MicroSystems 8936 Datasheet HTML 8Page - Allegro MicroSystems 8936 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
8936
VOICE
COIL
MOTOR
DRIVER
TM
MicroSystems, Inc.
TM
A
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL
BLOCK
DIAGRAM
V
REF
+
–
+
–
ACT
REFERENCE
H GAIN
PWR OFF
FAULT
EN VEL FLT
ERROR
AMP
POWER
AMP
–
+
ACT
FB
V
SENS FB
POWER
CONTROL
LOGIC
OUT P
OUT N
V
SENS
CURRENT-SENSE
AMP
REF
Dwg. FP-030A
MPRESET
SENSE +
I
SENSE –
I
2 V
PROTECTION
CIRCUITRY
RETRACT
CONTROL
TSD
SIGNAL
SUPPLY
LOAD
SUPPLY
SGND P
SGND N
GROUND
V
DD
V
CC
53
2
28
1
6
11
4
8
27
25
24
21
23
20
14
22
13
12
18
17
16
15
19
VEL IN
10
26
S
R
Q
Q
IN N
9
OUT
7
WINDOW
COMP.
V
= 'JT' THIN QUAD FLATPACK
= 'LW' WIDE-BODY SOIC
1
55
58
60
62
50
51
33
28
27
23
25
47
34
19
30
36
46
21
16
15
4
13
2
45
35
8
53
V
REF
A8936CJT
Dwg. PP-052-1
WINDOW
COMP.
S
R
Q
RETRACT
CONTROL
PROTECT.
CIRCUIT
PROTECT.
CIRCUIT
+
—
+
—
CC
V
V
DD
REF
V
REF
V
50
75
100
125
150
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-034
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1992, 1993, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com