Electronic Components Datasheet Search
  English  ▼

X  

MP2459 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2459
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2459 Datasheet HTML 1Page - Monolithic Power Systems MP2459 Datasheet HTML 2Page - Monolithic Power Systems MP2459 Datasheet HTML 3Page - Monolithic Power Systems MP2459 Datasheet HTML 4Page - Monolithic Power Systems MP2459 Datasheet HTML 5Page - Monolithic Power Systems MP2459 Datasheet HTML 6Page - Monolithic Power Systems MP2459 Datasheet HTML 7Page - Monolithic Power Systems MP2459 Datasheet HTML 8Page - Monolithic Power Systems MP2459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2459 – 0.5A, 55V, 480kHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2459 Rev. 1.0
www.MonolithicPower.com
4
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=12V, VOUT=5V, IOUT=0.5A, L=15µH, TA=25°C, unless otherwise noted.
-80
-60
-40
-20
0
20
40
60
80
100
1000
10000 1000001000000
-180
-120
-60
0
60
120
180
-80
-60
-40
-20
0
20
40
60
80
100
1000
10000 1000001000000
-180
-120
-60
0
60
120
180
0.3
0.5
0.7
0.9
1.1
1.3
5
15
25
35
45
55
65
Radiation EMI
Conduction EMI
0
10
20
30
40
50
60
70
80
150k 300
8001M
2M 3M
5M
810M 20M 30M
EN 55022 Voltage on M ains QP
EN 55022 Voltage on M ains AV
0
5
10
15
20
25
30
35
40
45
50
55
60
30M
5060 80100M
200 300 400500 8001G
EN 55022 Electric Field Strength 3 m Q P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com