Electronic Components Datasheet Search
  English  ▼

X  

MP2459 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2459
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2459 Datasheet HTML 5Page - Monolithic Power Systems MP2459 Datasheet HTML 6Page - Monolithic Power Systems MP2459 Datasheet HTML 7Page - Monolithic Power Systems MP2459 Datasheet HTML 8Page - Monolithic Power Systems MP2459 Datasheet HTML 9Page - Monolithic Power Systems MP2459 Datasheet HTML 10Page - Monolithic Power Systems MP2459 Datasheet HTML 11Page - Monolithic Power Systems MP2459 Datasheet HTML 12Page - Monolithic Power Systems MP2459 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2459 – 0.5A, 55V, 480kHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2459 Rev. 1.0
www.MonolithicPower.com
10
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application schematic).
Table 1 lists resistors for common output
voltages. The feedback resistor (R1) also sets
the feedback loop bandwidth with the internal
compensation capacitor (see Figure 1). R2 is:
1
V
81
.
0
V
1
R
2
R
OUT −
=
Table 1: Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (k )
R2 (k )
1.8
80.6 (1%)
64.9 (1%)
2.5
49.9 (1%)
23.7 (1%)
3.3
49.9 (1%)
16.2 (1%)
5
49.9 (1%)
9.53 (1%)
Selecting the Inductor
Use an inductor with a DC current rating at
least 25% percent higher than the maximum
load current for most applications. For best
efficiency, the inductor’s DC resistance should
be less than 200m . Refer to Table 2 for
suggested surface-mount inductors. For most
designs, the required inductance value can be
derived from the following equation.
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
∆
×
−
×
=
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be 30% of
the maximum load current. The maximum
inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
∆
+
=
Under light-load conditions (below 100mA), use
a larger inductance to improve efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high-frequency-switching current from passing
through the input. Use ceramic capacitors with
X5R or X7R dielectrics for their low ESRs and
small
temperature
coefficients.
For
most
applications, a 4.7µF capacitor will sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance should be low
at
the
switching
frequency.
Use
ceramic
capacitors with X5R or X7R dielectrics for their
low ESR characteristics. For most applications,
a 22µF ceramic capacitor will sufficient.
PCB Layout Guide
PCB layout is very important to stability. Please
follow these guidelines and use Figure 2 as
reference.
1)
Keep the path of switching current short
and minimize the loop area formed by the
input capacitor, high-side MOSFET, and
Schottky diode.
2)
Keep the connection from the power
ground→Schottky diode→SW pin as short
and wide as possible.
3)
Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4)
Route SW away from sensitive analog
areas such as FB.
5)
Connect IN, SW, and especially GND to
large copper areas to cool the chip for
improved thermal performance and long-
term reliability. For single layer PCBs, avoid
soldering the exposed pad
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com