Electronic Components Datasheet Search
  English  ▼

X  

MP2459 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2459
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2459 Datasheet HTML 2Page - Monolithic Power Systems MP2459 Datasheet HTML 3Page - Monolithic Power Systems MP2459 Datasheet HTML 4Page - Monolithic Power Systems MP2459 Datasheet HTML 5Page - Monolithic Power Systems MP2459 Datasheet HTML 6Page - Monolithic Power Systems MP2459 Datasheet HTML 7Page - Monolithic Power Systems MP2459 Datasheet HTML 8Page - Monolithic Power Systems MP2459 Datasheet HTML 9Page - Monolithic Power Systems MP2459 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP2459 – 0.5A, 55V, 480kHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2459 Rev. 1.0
www.MonolithicPower.com
6
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT=5V, L=22µH, TA=25°C, unless otherwise noted.
Steady State
VIN=8V, I
OUT =0.8
A
Steady State
IOUT =0.15A
Load Transient
IOUT =0.2A to 0.7
A
Steady State
VIN=6V, V
OUT =3.3
V, I
OUT =0.1
A
Steady State
VIN=60V, V
OUT =3.3
V, I
OUT =0.9
A
VIN
10V/di
v.
VSW
10V/di
v.
VOU T
200mV/di
v.
IL
500mA/di
v.
VIN
50V/di
v.
VSW
50V/di
v.
VOU T
2V/di
v.
IL
1A/di
v.
VIN
5V/di
v.
VSW
5V/di
v.
VOU T
2V/di
v.
IL
200mA/di
v.
VIN
5V/di
v.
VSW
5V/di
v.
VOU T
5V/di
v.
IL
500mA/di
v.
VIN
10V/di
v.
VSW
10V/di
v.
VOU T
5V/di
v.
IL
1A/di
v.
VIN
10V/di
v.
VSW
10V/di
v.
VOU T
200mV/di
v.
IL
500mA/di
v.
Load Transient
VOUT =3.3V, I
OUT =0.2
A to 0.7
A
Power Ramp Up
VIN=60V, I
OUT =0.5
A
Power Ramp Down
VIN=60V, I
OUT =0.5
A
Short Output
IOUT =0.65A
VIN
50V/di
v.
VSW
50V/di
v.
VOU T
5V/di
v.
IOU T
500mA/di
v.
VIN
50V/di
v.
VSW
50V/di
v.
VOU T
5V/di
v.
VOU T
5V/di
v.
IOU T
500mA/di
v.
VIN
10V/di
v.
VSW
10V/di
v.
IL
1A/di
v.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com