Electronic Components Datasheet Search
  English  ▼

X  

MP2459 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2459
Description  0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2459 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2459 Datasheet HTML 1Page - Monolithic Power Systems MP2459 Datasheet HTML 2Page - Monolithic Power Systems MP2459 Datasheet HTML 3Page - Monolithic Power Systems MP2459 Datasheet HTML 4Page - Monolithic Power Systems MP2459 Datasheet HTML 5Page - Monolithic Power Systems MP2459 Datasheet HTML 6Page - Monolithic Power Systems MP2459 Datasheet HTML 7Page - Monolithic Power Systems MP2459 Datasheet HTML 8Page - Monolithic Power Systems MP2459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2459 – 0.5A, 55V, 480kHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2459 Rev. 1.0
www.MonolithicPower.com
5
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=5V, L=22µH, TA=25°C, unless otherwise noted.
750
770
790
810
830
850
400
440
480
520
560
600
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
6
16
26
36
46
56
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
0.00.10.20.30.40.50.60.70.8
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT ( A )
LOAD CURRENT ( A )
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
6
16
26
36
46
56
INPUT VOLTAG ( V )
INPUT VOLTAG ( V )
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
0.00.10.20.30.40.50.60.70.8
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT ( A )
LOAD CURRENT ( A )
Load Regulation
Line Regulation
IOUT =0.5A
Load Regulation
VOUT =3.3V
Efficiency vs. Load
0.5
0.8
1.1
1.4
1.7
2.0
-40 -10 20
50
80
110 140
-40 -10 20
50
80
110 140
-40 -10 20
50
80
110 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com