Electronic Components Datasheet Search
  English  ▼

X  

MP2611GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 13Page - Monolithic Power Systems MP2611GL Datasheet HTML 14Page - Monolithic Power Systems MP2611GL Datasheet HTML 15Page - Monolithic Power Systems MP2611GL Datasheet HTML 16Page - Monolithic Power Systems MP2611GL Datasheet HTML 17Page - Monolithic Power Systems MP2611GL Datasheet HTML 18Page - Monolithic Power Systems MP2611GL Datasheet HTML 19Page - Monolithic Power Systems MP2611GL Datasheet HTML 20Page - Monolithic Power Systems MP2611GL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
17
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
CC
L_MAX
15%I
=
ΔI
(6)
For ICC=2A, VIN=5V, VBATT=3V and fs=1.5MHz, the
calculated inductance is 2.66µH. The maximum
inductor peak current must exceed 2.3A. To
optimize efficiency, chose an inductor with a DC
resistance less than 50mΩ. Choose the inductor
7447745022 from Wurth Corporation with ratings
at L=2.2µH/3.5A /36mΩ.
NTC Function
Figure 6 shows that an internal resistor divider
sets the low temperature threshold and high
temperature threshold at 74%·VREF33 and
32%·VREF33, respectively. For a given NTC
thermistor, select appropriate RT1 and RT2 to set
the NTC window.
The thermistor (NCP18XH103) noted above has
the following electrical characteristic:
At 0°C, RNTC_Cold = 27.445kΩ;
At 50°C, RNTC_Hot = 4.1601kΩ.
The following equations are derived assuming
that the NTC window is between 0°C and 50°C:
74%
VREF33
V
//R
R
R
//R
R
TH_Low
NTC_Cold
T2
T1
NTC_Cold
T2
=
=
+
(7)
32%
VREF33
V
//R
R
R
//R
R
TH_High
NTC_Hot
T2
T1
NTC_Hot
T2
=
=
+
(8)
According to equation (7) and equation (8), \RT1=
8.7kΩ and RT2 = 252.3kΩ. Simplified for
applications, RT1=8.7kΩ and RT2 = No Connect
approximates the values.
Figure 6: NTC Function Block
Selecting the Input Capacitor
The input capacitors C1/C2 from the typical
application circuit absorbs the maximum ripple
current from the buck converter, which is given
by:
IN_MAX
TC
IN_MAX
TC
CC_MAX
RMS_MAX
V
)
V
(V
V
I
I
−
=
(9)
For
ICC_MAX=2A,
VTC=3V,
VIN_MAX=6V,
the
maximum ripple current is 1A. Select the input
capacitors so that the temperature rise due to the
ripple current does not exceed 10°C. Use
ceramic capacitors with X5R or X7R dielectrics
because of their low ESR and small temperature
coefficients. For most applications, use a 22µF
capacitor.
Selecting the Output Capacitor
The output capacitor—C4 from the typical
application circuit—is in parallel with the battery.
C4 absorbs the high-frequency switching ripple
current and smoothes the output voltage. Its
impedance must be much less than that of the
battery to ensure it absorbs the ripple current.
Use a ceramic capacitor because it has lower
ESR and smaller size that allows us to ignore the
ESR of the output capacitor. Thus, the output
voltage ripple is given by:
L
f
8C
V
V
1-
V
V
Δr
2
S
O
IN
O
O
O
O
=
Δ
=
(10)
In order to guarantee the ±0.5% battery voltage
accuracy, the maximum output voltage ripple
must not exceed 0.5% (e.g. 0.1%). The maximum
output voltage ripple occurs at the minimum
battery voltage of the CC charge and the
maximum input voltage.
For
VIN_MAX=6V,
VCC_MIN=VTC=3V,
L=1.5µH,
fS=1.5MHz,
%
1
.
0
=
Δ
O_MAX
r
, the output capacitor
can be calculated as:
TC
IN_MAX
O
2
SO_MAX
V
1-
V
C=
=18.5μF
8f LΔr
(11)
We can then choose a 22µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com