Electronic Components Datasheet Search
  English  ▼

X  

MP2611GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 14Page - Monolithic Power Systems MP2611GL Datasheet HTML 15Page - Monolithic Power Systems MP2611GL Datasheet HTML 16Page - Monolithic Power Systems MP2611GL Datasheet HTML 17Page - Monolithic Power Systems MP2611GL Datasheet HTML 18Page - Monolithic Power Systems MP2611GL Datasheet HTML 19Page - Monolithic Power Systems MP2611GL Datasheet HTML 20Page - Monolithic Power Systems MP2611GL Datasheet HTML 21Page - Monolithic Power Systems MP2611GL Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
18
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PCB Layout Guide
PCB layout is important to meet specified noise,
efficiency
and
stability
requirements.
The
following design considerations can improve
circuit performance:
1) Route the power stage adjacent to their
grounds. Aim to minimize the high-side
switching node (SW, inductor), trace lengths
in the high-current paths and the current-
sense resistor trace. Keep the switching
node short and away from the feedback
network.
2) The exposed thermal pad on the backside of
the MP2611 package must be soldered to
the PGND plane. There must be sufficient
thermal vias underneath the IC connected to
the ground plane on the other layers.
3) Connect the charge current sense resistor to
CSP (pin 9), BATT (pin 8) with a Kelvin
contact. Minimize the length and area of this
circuit loop.
4) Place the input capacitor as close as
possible to the ACIN/USBIN and PGND pins.
Place the output inductor close to the IC as
and connect the output capacitor between
the inductor and PGND of the IC. This
minimizes the current path loop area from
the SW pin through the LC filter and back to
the PGND pin.
5) Connect AGND and PGND at a single point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com