Electronic Components Datasheet Search
  English  ▼

X  

MP2611GL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 8Page - Monolithic Power Systems MP2611GL Datasheet HTML 9Page - Monolithic Power Systems MP2611GL Datasheet HTML 10Page - Monolithic Power Systems MP2611GL Datasheet HTML 11Page - Monolithic Power Systems MP2611GL Datasheet HTML 12Page - Monolithic Power Systems MP2611GL Datasheet HTML 13Page - Monolithic Power Systems MP2611GL Datasheet HTML 14Page - Monolithic Power Systems MP2611GL Datasheet HTML 15Page - Monolithic Power Systems MP2611GL Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
12
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP2611 is a monolithic switching charger
with built-in power MOSFETs for a single-cell Li-
Ion battery pack. It achieves up to a 2A charge
current that can be programmed through an
accurate sense resistor over the whole input
range. It can operate with separate inputs for
USB and AC adapter: For USB mode, the input
current limit can be programmed to 500mA and
900mA via the USBM-pin for both USB2.0 and
USB3.0.
Charge Cycle (Trickle Charge
CC Charge
CV Charge)
The MP2611 regulates the charge current (ICHG)
and battery voltage (VBATT) using two control
loops to realize highly-accurate constant current
(CC) charge and constant voltage (CV) charge.
The device uses the resistor RS1 to sense the
battery charge current and amplifies the signal
using the internal amplifier A3 (Figure 1). The
charge starts in trickle-charge mode (TC, 10% of
the constant current ICC) until the battery voltage
reaches 3V. If the charger stays in the trickle-
charge mode until it triggers a time-out condition,
the charging terminates. Otherwise, the charger
operates in constant-current charging mode. The
COMPI voltage, regulated by the amplifier GMI,
determines the duty cycle.
When the battery voltage rises to the constant-
voltage mode threshold, the amplifier GMV
regulates the COMP-pin and the duty cycle.
Consequently, the charger operates in constant-
voltage mode.
Figure 2: Li-Ion Battery Charge Profile
ACIN and USBIN Detection
There are two separate battery charger inputs;
ACIN for the AC adapter, and USBIN for the USB
port.
ACIN is used as the battery-charger primary
power supply. As soon as the ACIN voltage
exceeds ACIN UVLO (3.75V), Q1 turns on and
Q2 turns off. The adapter charges the battery
with up to 2A constant charge current through the
step-down DC/DC converter implemented by Q1
and Q3. The charge current can be set by RS1.
If the ACIN input is absent or less than 3.75V, the
USBIN can act as the power supply for the
battery charger: Q1 turns off and Q2 turns on.
USB supply mode uses the input current limit
loop so that the threshold can be programmed by
connecting a resistor RILIM from the USBM-pin to
AGND.
When ACIN and USBIN are both absent, Q1 and
Q2 are completely off and the reverse blocking
function blocks the battery reverse-leakage
current to the input port.
Note that if ACIN and USBIN are both present,
the device selects the AC adapter as the power
supply of the charger. However, avoid this
practice.
DC/DC Converter
The MP2611 integrates both the high-side switch
and the synchronous low-side switch, which
provides high efficiency and eliminates the
external Schottky diode.
During normal operation, the high-side switch
turns on for a period of time to ramp-up the
inductor current at each rising edge of the
internal oscillator, and switches off when the
peak inductor current rises above the COMP
voltage. Once the high-side switch turns off, the
synchronous switch turns on immediately and
stays on until the next cycle starts (see Figure 1).
The device allows the high-side switch to remain
on for more than one switching cycle and
increases the duty cycle while the input voltage
drops close to the output voltage. When the duty
cycle reaches 100%, the high-side switch is held
on continuously to deliver current to the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com