Electronic Components Datasheet Search
  English  ▼

X  

MP2611GL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 14Page - Monolithic Power Systems MP2611GL Datasheet HTML 15Page - Monolithic Power Systems MP2611GL Datasheet HTML 16Page - Monolithic Power Systems MP2611GL Datasheet HTML 17Page - Monolithic Power Systems MP2611GL Datasheet HTML 18Page - Monolithic Power Systems MP2611GL Datasheet HTML 19Page - Monolithic Power Systems MP2611GL Datasheet HTML 20Page - Monolithic Power Systems MP2611GL Datasheet HTML 21Page - Monolithic Power Systems MP2611GL Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
19
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Power-Path Management
Power-path applications require powering the
system while simultaneously charging the battery.
Traditional designs adopt the simplest battery-fed
topology that connects the system to the battery
directly. An obvious drawback is that it cannot
operate the system with a drained battery.
Figure 7 shows an improved battery-fed topology.
The additional circuit between the current sense
resistor and the battery works like a variable
resistor. While the battery voltage is less than the
preset threshold (less than VTC of 3V), the
MOSFET Q1 turns off. The 5Ω resistor, RP, is
then in series with the battery to raise the system
voltage to 1V (ITC=0.2A assumed). As a result,
the system can also operate at low battery
voltage. While the battery voltage is high enough,
Q1 turns on to short though the RP resistor to
reduce power loss.
Figure 7: Improved Battery-Fed Power-Path Management Structure
The power-path auto-selection topology shown in
Figure 8 adopts external switches to decouple
the system supply and battery charging process.
Thus the adapter directly powers the system
independent of the battery’s state as long as the
adapter is plugged in. If the adapter is absent,
the battery supplements the system.
Replace M1 and M2 with a power diode each, to
reduce the costs. However, the efficiency may
decline due to the forward voltage drop of the
diode. Even USBIN is not used, a least 4.7μF
capacitor is necessary connecting the pin to GND.
Figure 8: Power-Path Auto-Selection Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com