Electronic Components Datasheet Search
  English  ▼

X  

MP2611GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 14Page - Monolithic Power Systems MP2611GL Datasheet HTML 15Page - Monolithic Power Systems MP2611GL Datasheet HTML 16Page - Monolithic Power Systems MP2611GL Datasheet HTML 17Page - Monolithic Power Systems MP2611GL Datasheet HTML 18Page - Monolithic Power Systems MP2611GL Datasheet HTML 19Page - Monolithic Power Systems MP2611GL Datasheet HTML 20Page - Monolithic Power Systems MP2611GL Datasheet HTML 21Page - Monolithic Power Systems MP2611GL Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
20
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Single Input Port Application
For some portable devices, only one input port
that covers both AC adapter and USB port is
adopted. The charger is then required to identify
the input source (AC adapter or USB port) via an
external logic signal from MODE-pin. MODE-pin
pulled high indicates an AC adapter is connected,
low indicates an USB port source.
Figure 9 shows a single input port application
circuit. The MOSFET M1 is used to alter the input
source. High-level voltage at MODE-pin turns on
the M1 and the charger is then switched from
USB input mode to AC input mode. The capacitor
C5 and R5 are necessary to realize the soft-start
of voltage at ACIN, increase the value if the
recommended value in Figure 9 does not work.
Figure 9: Single Input Port Application Circuit –1
Figure 10 shows another single input port
application circuit. For the AC adapter input, the
high-level signal at MODE-pin turns on the M1 to
connect the parallel resistor R4 at USBM-pin.
Due to the increased input current limitation,
charge current is enlarged. Please refer to the
USB input current setting and choose the
appropriate resistor based on the actual battery
specification. R8 and C5 are necessary for soft
tuning on and off of M1 to avoid unexpected
USBM reference caused by noise.
In addition, a least 4.7μF ceramic capacitor
connected between ACIN-pin to PGND is
necessary to avoid noise interference.
C2
RS1
STAT1
STAT2
NTC
TMR
BATT
CSP
SW
MP2611
USBM
Input Port
ACIN
R3
USBIN
VREF33
R1
R2
C3
RNTC
AGND
L
1-cell
battery
EN
OFF
ON
PGND
C4
CTMR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RILIM
R7
M1
MODE
AC
USB
200k
2N7002
22uF
1.5k
1.5k
1uF
0.1uF
22uF
50m
2.2uH
R4
C1
4.7uF
R8
C5
20
1uF
Figure 10: Single Input Port Application Circuit –2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com