Electronic Components Datasheet Search
  English  ▼

X  

MP2676 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2676 Datasheet HTML 1Page - Monolithic Power Systems MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2676 –LI-ION CHARGER PROTECTION IC WITH INTEGRATED P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
3
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values at VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Rising VIN Threshold
UVLO
2.5
2.65
2.8
V
POR Hysteresis
130
mV
Input Power On Blanking time
TREC(vout) VACIN Rising to VOUT Rising
10
ms
Operating Current
IIN
No Load on OUT and CHRIN pin
500
600
µA
Reverse Current
ACIN Float,
GATDRV = OUT = 7V
1
10
µA
Input Over Voltage Protection
(OVP)
VOVP
5.8
6.0
6.25
V
Input OVP Hysteresis
35
mV
Input OVP Falling Threshold
5.75
V
Input OVP Propagation Delay
1
µs
IOVP Recovery Time
TREC(IOVP)
10
ms
Over Current Protection
IOCP
1.3
1.6
2
A
OCP Blanking Time
180
µs
Battery Over Voltage Protection
Threshold
4.25
4.35
4.475
V
BOVP Hysteresis
240
mV
BOVP Falling Threshold
4
4.12
4.2
V
Battery OVP Blanking Time
200
µs
OTP Rising Threshold
140
°C
OTP Hysteresis
20
°C
ACIN to OUT On Resistance
RON
IIN=500mA, 4.3V < ACIN < 5.5V
450
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com