Electronic Components Datasheet Search
  English  ▼

X  

MP2676 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2676 Datasheet HTML 1Page - Monolithic Power Systems MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2676 –LI-ION CHARGER PROTECTION IC WITH INTEGRATED P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
5
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, RVB=200kΩ, GATDRV connected to GND, TA=25ºC, unless otherwise noted.
VIN
2V/div.
VOUT
2V/div.
CHRIN
2V/div.
IOUT
500mA/div.
VIN
2V/div.
VOUT
2V/div.
CHRIN
2V/div.
IOUT
500mA/div.
VOUT
2V/div.
IOUT
200mA/div.
VIN
2V/div.
CHRIN
2V/div.
VIN
2V/div.
VOUT
2V/div.
CHRIN
2V/div.
VIN
2V/div.
CHRIN
2V/div.
IOUT
500mA/div.
VOUT
2V/div.
IOUT
500mA/div.
Supply Current vs. VIN
ACIN to OUT On Resistance
vs. VIN
Breakdown Voltage
Output Reverse Current
vs. VOUT
No Input,VBAT=GND, VOUT=1V to 4.2V
Power On through VIN
No load at OUT and CHRIN
Power Down through VIN
No load at OUT and CHRIN
Input OVP
VIN Steps from 5V to 7V Slowly,
GATDRV=CHRIN
0
100
200
300
400
500
600
0123
456
INPUT VOLTAGE(V)
0
200
400
600
800
1000
1200
INPUT VOLTAGE(V)
0.0
0.5
1.0
1.5
2.0
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
OUTPUT VOLTAGE(V)
440
450
460
470
480
490
500
510
520
530
4.3
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE(V)
5
101520 25303540
700mA
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com