Electronic Components Datasheet Search
  English  ▼

X  

MP2676 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2676 Datasheet HTML 1Page - Monolithic Power Systems MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2676 –LI-ION CHARGER PROTECTION IC WITH INTEGRATED P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
4
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2
ACIN
Input Power Source, ACIN can withstand 30V input surge.
3
GND
System Ground
4
VBAT
Battery Voltage Monitoring Input. Connect this pin to the battery pack positive terminal
via an isolation resistor
5
GATDRV
External control pin for controlling the P-channel MOSFET by charge controller
6
CHRIN
Voltage is equal to ACIN if ACIN is in power good range.
7, 8
OUT
Output Pin. Connect this pin to the battery pack positive terminal via a sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com