Electronic Components Datasheet Search
  English  ▼

X  

MP2676 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems MP2676 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP2676 –LI-ION CHARGER PROTECTION IC WITH INTEGRATED P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
9
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
For safe and effective charging, some strict
requirements have to be satisfied during
charging Li-ion batteries such as high precise
power source for charging (4.2V±50mV), the
accuracy should be higher than 1%. For highly
used capacity, the voltage of the battery should
be charged to the value (4.2V) as possible as
could. Otherwise, the performance and the life
of the battery suffers overcharge. Additionally,
the pre-charge for depleted batteries, charge
voltage, charge current, as well as the
temperature detection and protection, are
required for linear battery chargers. MP2676
provides full protection to guarantee the safety
of the charge system with its perfect four
protection functions: OVP, BOVP, OCP and
OTP.
An internal P-channel MOSFET is integrated to
the MP2676, which can be controlled by the
external control signal from PMIC to achieve
charging function including CC, CV charge
mode and so on. Particularly, connecting
GATDRV to GND can turn on the P-channel
MOSFET while connecting GATDRV to CHRIN
can fully turn off the P-channel MOSFET.
CIN and COUT Selection
The input capacitor (CIN) is for decoupling and
serves an important role. Higher value of CIN
reduces the voltage undershoot or overshoot
during transients. The AC adapter is inserted
live (hot insertion) and sudden step down of the
current in the power MOSFET will cause the
input voltage overshoot.
During an input OVP, the N-channel MOSFET
is turned off in less than 1µs and can lead to
significant overshoot. Higher capacitance of CIN
reduces this type of overshoot. However, the
overshoot caused by a hot insertion is not very
dependent on the decoupling capacitance
value. Usually, the input decoupling capacitor is
recommended to use a dielectric ceramic
capacitor with a value between 1µF to 4.7µF.
The output of the MP2676 and the input of the
charge circuit typically share one decoupling
capacitor.
RVB Selection
It is strongly recommended that the battery not
be tied directly to the VBAT pin of the device,
as under some failure modes of the IC, the
voltage at the ACIN pin may appear on the
VBAT pin. RVB limits the current from the VBAT
pin to the battery terminal in case the MP2676
fails. The recommended value is between
200kΩ to 1MΩ. With 200kΩ resistance, during
the failure operation, assuming the VBAT pin
voltage is 30V and the battery voltage is 4.2V.
The worst case the current flowing from the
VBAT pin to the charger output is,
(30V − 4.2V)/200kΩ = 130µA,
Such small current can be easily absorbed by
the
bias
current
of
other
components.
Increasing the RVB value reduces the worst
case current, but at the same time increases
the error for the 4.35V battery OVP threshold.
As the typical VBAT pin leakage current is
20nA, the error of the battery OVP threshold
can be calculated as 4.35V+20nA×RVB. With
the 200kΩ resistor, the worst-case additional
error is 4mV and with a 1MΩ resistor, the worst-
case additional error is 20mV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com