Electronic Components Datasheet Search
  English  ▼

X  

MP3214 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3214
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3214 Datasheet HTML 1Page - Monolithic Power Systems MP3214 Datasheet HTML 2Page - Monolithic Power Systems MP3214 Datasheet HTML 3Page - Monolithic Power Systems MP3214 Datasheet HTML 4Page - Monolithic Power Systems MP3214 Datasheet HTML 5Page - Monolithic Power Systems MP3214 Datasheet HTML 6Page - Monolithic Power Systems MP3214 Datasheet HTML 7Page - Monolithic Power Systems MP3214 Datasheet HTML 8Page - Monolithic Power Systems MP3214 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP3214 – 500mA LED CAMERA FLASH CHARGE PUMP
MP3214 Rev. 1.01
www.MonolithicPower.com
3
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VBATT = 3.6V, C1=C2=2.2μF, COUT=4.7μF, CBYPASS=1μF, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
VIN
2.7
5.5
V
Supply Current
IIN
3
mA
Shutdown Current
ISHUTDOWN
0.1
µA
ILED Drop Out Voltage
0.3
V
LED Current Turn On Delay
4
µs
Clock Frequency
1.35
MHz
En Threshold High
0.81
V
En Threshold Low
0.75
V
IOUT Gain Accuracy
IOUT Measured with RSET=17.8k
186
202
218
mA
Gain Coefficient
IOUT =Gain/RSET
-8%
3600
+8%
V
Thermal Shutdown
150
°C
Note:
5) Current matching definition: (Max – Min)/(Max + Min)
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com