Electronic Components Datasheet Search
  English  ▼

X  

MP3214 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3214
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3214 Datasheet HTML 1Page - Monolithic Power Systems MP3214 Datasheet HTML 2Page - Monolithic Power Systems MP3214 Datasheet HTML 3Page - Monolithic Power Systems MP3214 Datasheet HTML 4Page - Monolithic Power Systems MP3214 Datasheet HTML 5Page - Monolithic Power Systems MP3214 Datasheet HTML 6Page - Monolithic Power Systems MP3214 Datasheet HTML 7Page - Monolithic Power Systems MP3214 Datasheet HTML 8Page - Monolithic Power Systems MP3214 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP3214 – 500mA LED CAMERA FLASH CHARGE PUMP
MP3214 Rev. 1.01
www.MonolithicPower.com
5
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
100
150
200
250
300
350
400
450
500
550
0.02 0.04 0.06 0.08 0.1 0.12 0.14
1/RSET(1/KOHM)
Measurement
30
2.0
3.0
4.0
5.0
6.0
40
50
60
70
80
90
100
V_BATTERY(V)
IFlash=100mA
IFlash=200mA
IFlash=300mA
IFlash=500mA
-0.25
-0.20
-0.15
-0.10
-0.05
0.0
2.5 2.9 3.3 3.7 4.1 4.5 4.9 5.3 5.7
V_BATTERY(V)
Flash Current Regulation vs.
Battery Voltage:
Efficiency
Average Flash Current vs.
Dimming Duty Cycle
10
30
50
70
90
110
130
150
170
190
210
230
10 20 30 40 50 60 70 80 90 100
DUTY CYCLE(%)
V_Battery=2.7V
V_Battery=3.5V
V_Battery=2.7V
V_Battery=3.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com