Electronic Components Datasheet Search
  English  ▼

X  

MP3214 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3214
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3214 Datasheet HTML 1Page - Monolithic Power Systems MP3214 Datasheet HTML 2Page - Monolithic Power Systems MP3214 Datasheet HTML 3Page - Monolithic Power Systems MP3214 Datasheet HTML 4Page - Monolithic Power Systems MP3214 Datasheet HTML 5Page - Monolithic Power Systems MP3214 Datasheet HTML 6Page - Monolithic Power Systems MP3214 Datasheet HTML 7Page - Monolithic Power Systems MP3214 Datasheet HTML 8Page - Monolithic Power Systems MP3214 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP3214 – 500mA LED CAMERA FLASH CHARGE PUMP
MP3214 Rev. 1.01
www.MonolithicPower.com
4
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
CP
Charge pump bypass for common anode version. Connect a 2.2µF bypass capacitor to GND.
2
C2B
Charge Pump Capacitor #2 Negative Node. Connect the negative side of the #2 charge pump
capacitor to C2B.
3
C1B
Charge Pump Capacitor #1 Negative Node. Connect the negative side of the #1 charge pump
capacitor to C1B.
4
C1A
Charge Pump Capacitor #1 Positive Node. Connect the positive side of the #1 charge pump
capacitor to C1A. Typical applications require C1 to be 1µF.
5,9
GND Battery Power Ground. Connect the exposed pad to this pin.
6
C2A
Charge Pump Capacitor #2 Positive Node. Connect the positive side of the #2 charge pump
capacitor to C2A. Typical applications require C2 to be 1µF.
7
VIN
Battery Power Input. Connect the 2.5V to 5.5V input source between BATT and GND. Bypass
BATT to GND with a 2.2µF or greater capacitor.
8
EN
Enable input.
10
TOE
Time Out Enable. With TOE=1 the time out is enabled. The device will keep operating for a
period of time after the EN pin goes low.
11
ISET
Current Control Input. Connect a resistor between ISET and GND to set the LED current up
to 500mA.
12,13,16
NC
No connection.
14,15
IOUT
Driver for Flashlight. Connect the flashlight LED between this pin and BATT, with the anode
at BATT.
BLOCK DIAGRAM
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com