Electronic Components Datasheet Search
  English  ▼

X  

MP3214 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3214
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3214 Datasheet HTML 1Page - Monolithic Power Systems MP3214 Datasheet HTML 2Page - Monolithic Power Systems MP3214 Datasheet HTML 3Page - Monolithic Power Systems MP3214 Datasheet HTML 4Page - Monolithic Power Systems MP3214 Datasheet HTML 5Page - Monolithic Power Systems MP3214 Datasheet HTML 6Page - Monolithic Power Systems MP3214 Datasheet HTML 7Page - Monolithic Power Systems MP3214 Datasheet HTML 8Page - Monolithic Power Systems MP3214 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP3214
500mA LED Camera Flash
Charge Pump
MP3214 Rev. 1.01
www.MonolithicPower.com
1
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3214 is a low noise, high current charge
pump designed to drive LEDs at up to 500mA
with an input supply of 2.7 to 5.5 volts. The high
efficiency and low external parts count (two
small bypass caps, two small charge pump
caps, and one programming resistor) make the
MP3214 ideally suited for portable applications
where small size and high efficiency are critical.
The MP3214 controls the inrush current via a
soft start algorithm. High frequency switching of
the charge pump capacitors allows for very
small capacitance values.
The output current is set by an external resistor,
RSET. The brightness of the LED can be
modulated by a PWM on the enable pin.
The
MP3214
automatically
adjusts
the
switching mode of the charge pump for optimal
efficiency.
The MP3214 is available in a 16 pin 3x3mm
QFN package.
FEATURES
• High Efficiency
• Up to 500mA Output Current
• Wide Supply Range of 2.7V to 5.5 V
• Small Solution Size
• Soft Start
• Low Shutdown Current
• Open/Short Led Protection
• No Inductors
• Programmable Output Current
• PWM Brightness Control
APPLICATIONS
• LED Backlight
• LED Flash
• LED Torch/Flashlight
• Cell Phones, Cameras, PDA, and Handheld
Equipment
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP3214

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3214DQ MPS-MP3214DQ Datasheet
200Kb / 4P
500mA, LED Camera Flash Charge Pump EV Board
More results

Similar Description - MP3214

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
500mA Camera LED Charge Pump
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
logo
Monolithic Power System...
EV3214DQ-00A MPS-EV3214DQ-00A Datasheet
200Kb / 4P
500mA, LED Camera Flash Charge Pump EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com