Electronic Components Datasheet Search
  English  ▼

X  

MP3214 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3214
Description  500mA LED Camera Flash Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3214 Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP3214 Datasheet HTML 1Page - Monolithic Power Systems MP3214 Datasheet HTML 2Page - Monolithic Power Systems MP3214 Datasheet HTML 3Page - Monolithic Power Systems MP3214 Datasheet HTML 4Page - Monolithic Power Systems MP3214 Datasheet HTML 5Page - Monolithic Power Systems MP3214 Datasheet HTML 6Page - Monolithic Power Systems MP3214 Datasheet HTML 7Page - Monolithic Power Systems MP3214 Datasheet HTML 8Page - Monolithic Power Systems MP3214 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP3214 – 500mA LED CAMERA FLASH CHARGE PUMP
MP3214 Rev. 1.01
www.MonolithicPower.com
8
6/24/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
Using the Enable Pin to PWM the LED
Current
The Enable (En) pin can enable (logic 1) or
disable (logic 0) the part. When disabled, the
part enters a low current sleep mode.
There is an internal one shot on the enable pin.
The enable pin must go low for more than
30mS in order to completely disable the part
and enter the low current shutdown mode.
Although
the
part
internally
does
not
immediately shut off, the output drive to the
LED does immediately turn off.
A low frequency PWM on the enable pin (50Hz
to 2kHz) can be used to change the LED
brightness. For example, if a 20% duty cycle
PWM signal is applied to the enable pin, the
average output current is 20% the full current.
Setting the Output Current
The output current is set by the resistor RSET.
RSET is connected from the ISET pin to ground.
The output current follows the equation:
OUT
SET
3570
I
R
=
or for a desired IOUT, RSET is calculated by:
SET
OUT
3570
R
I
=
For example:
RSET
IOUT
7140Ω
500mA
8925Ω
400mA
11900Ω
300mA
17850Ω
200mA
35700Ω
100mA
Charge Pump Operation
Normal battery operation will supply a voltage
that is initially high (roughly 4.2volts when fully
charge) falling to a mid voltage for much of it’s
life ( roughly 3 to 3.6 volts) and finally dropping
to a low voltage (roughly 2.7 to 3.0 volts) when
fully discharged. At the high end of the battery
voltage, the LED can be driven directly from the
battery to ground. As the battery discharges,
the voltage must be boosted to allow enough
forward voltage to turn on the LED. On the
MP3214, the boost voltage pushes the charge
pump output (CP) below ground to gain the
required headroom.
The charge pump gain can be changed on the
fly to optimize the charge pump voltage for
maximum efficiency.
The gain can be
configured to be 1, 1.5 or 2. The charge pump
gain control is accomplished automatically by
an internal feedback network.
Time Out Enable
The TOE function acts to extend the device
operation, for a period of time, after the enabled
pin goes low. With TOE=1 the time out is
enabled. When the enable pin goes high, the
part turns on as in normal operation. When the
enable pin goes low, the part and the output,
remain on for an extra 1.55 seconds.
When TOE=0, the enabled pin functions directly
bases on the logic level of the input. The part
turns on when enable is high, and off when
enable is low.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com