Electronic Components Datasheet Search
  English  ▼

X  

MP8725EL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8725EL
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725EL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8725EL Datasheet HTML 1Page - Monolithic Power Systems MP8725EL Datasheet HTML 2Page - Monolithic Power Systems MP8725EL Datasheet HTML 3Page - Monolithic Power Systems MP8725EL Datasheet HTML 4Page - Monolithic Power Systems MP8725EL Datasheet HTML 5Page - Monolithic Power Systems MP8725EL Datasheet HTML 6Page - Monolithic Power Systems MP8725EL Datasheet HTML 7Page - Monolithic Power Systems MP8725EL Datasheet HTML 8Page - Monolithic Power Systems MP8725EL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8725 Rev. 1.0
www.MonolithicPower.com
4
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Supply Voltage. The MP8725 operates from a +4.5V to +21V input rail. C1 is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make
the connection.
2,3,4,5
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
6
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
7
EN/SYNC
EN=1 to enable the chip. External clock can be applied to EN pin for changing
switching frequency. For automatic start-up, connect EN pin to VIN by proper EN
resistor divider as Figure 2 shows.
8
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB
pin, sets the output voltage. To prevent current limit run away during a short circuit
fault condition the frequency fold-back comparator lowers the oscillator frequency
when the FB voltage is below 500mV.
9
PG
Power Good Output, the output of this pin is open drain. Power good threshold is
90% low to high and 70% high to low of regulation value.
10,
Exposed Pad
NC
No Internal Connection.
11
VCC
Bias Supply. Decouple with 0.1μF~0.22μF cap. And the capacitance should be no
more than 0.22μF.
12,13
GND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout.
14
AGND
Signal Ground. AGND is not internally connected to System Ground, make sure
AGND connected to system Ground in PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com