Electronic Components Datasheet Search
  English  ▼

X  

MP8725EL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8725EL
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725EL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8725EL Datasheet HTML 1Page - Monolithic Power Systems MP8725EL Datasheet HTML 2Page - Monolithic Power Systems MP8725EL Datasheet HTML 3Page - Monolithic Power Systems MP8725EL Datasheet HTML 4Page - Monolithic Power Systems MP8725EL Datasheet HTML 5Page - Monolithic Power Systems MP8725EL Datasheet HTML 6Page - Monolithic Power Systems MP8725EL Datasheet HTML 7Page - Monolithic Power Systems MP8725EL Datasheet HTML 8Page - Monolithic Power Systems MP8725EL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP8725
21V, 5A, 500kHz
Synchronous Step-down Converter
MP8725 Rev. 1.0
www.MonolithicPower.com
1
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8725 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 5A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP8725 operates at high efficiency over a wide
output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and thermal
shut down.
The MP8725 requires a minimum number of
readily available standard external components
and is available in a space saving 3mm x 4mm
14-pin QFN package.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 5A Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• Fixed 500kHz Switching Frequency
• Sync from 300kHz to 2MHz External Clock
• Internal Compensation
• OCP Protection and Thermal Shutdown
• Output Adjustable from 0.8V
• Available in 14-pin QFN3x4 Package
APPLICATIONS
•
Notebook Systems and I/O Power
•
Networking Systems
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
The information in this datasheet about the product and its associated
technologies are proprietary and intellectual property of Monolithic Power
Systems and are protected by copyright and pending patent applications.
TYPICAL APPLICATION (FOR NOTEBOOK)
C1
22uF
MP8725
SW
GND
AGND
NC
FB
EN/SYNC
IN
BST
VCC
PG
PG
C4
0.1uF
R2
10K
Rt
24.9K
R1
4.99K
R3
100K
L1
2uH
C2
47uF
C3
0.1uF
VIN
ON/OFF
8
10
6
2,3,4,5
1
11
9
7
12,13
4.5V-21V
14
Efficiency
VOUT=1.2V
012
3
45
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
Vin=21V
Vin=12V
Vin=5V


Similar Part No. - MP8725EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8720 MPS-MP8720 Datasheet
685Kb / 23P
26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
MP8720GQ MPS-MP8720GQ Datasheet
685Kb / 23P
26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
MP8726EL MPS-MP8726EL Datasheet
481Kb / 14P
21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP8725EL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7262E RICHTEK-RT7262E Datasheet
380Kb / 17P
2A, 21V 500kHz Synchronous Step-Down Converter
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8286 RICHTEK-RT8286 Datasheet
418Kb / 14P
2A, 21V 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com