Electronic Components Datasheet Search
  English  ▼

X  

MP8725EL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8725EL
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725EL Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8725EL Datasheet HTML 5Page - Monolithic Power Systems MP8725EL Datasheet HTML 6Page - Monolithic Power Systems MP8725EL Datasheet HTML 7Page - Monolithic Power Systems MP8725EL Datasheet HTML 8Page - Monolithic Power Systems MP8725EL Datasheet HTML 9Page - Monolithic Power Systems MP8725EL Datasheet HTML 10Page - Monolithic Power Systems MP8725EL Datasheet HTML 11Page - Monolithic Power Systems MP8725EL Datasheet HTML 12Page - Monolithic Power Systems MP8725EL Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8725 Rev. 1.0
www.MonolithicPower.com
9
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The MP8725 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a very
compact solution to achieve 5A continuous
output current over a wide input supply range
with excellent load and line regulation.
The MP8725 operates in a fixed frequency, peak
current control mode to regulate the output
voltage. A PWM cycle is initiated by the internal
clock. The integrated high-side power MOSFET
is turned on and remains on until its current
reaches the value set by the COMP voltage.
When the power switch is off, it remains off until
the next clock cycle starts. If, in 90% of one PWM
period, the current in the power MOSFET does
not reach the COMP set current value, the power
MOSFET will be forced to turn off
Power Good Indicator
When the FB is below 0.70VFB, the PG pin will be
internally pulled low. When the FB is above
0.9VFB , the PG becomes an open-drain output.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes the
VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output decreases, 0.1uF ceramic
capacitor for decoupling purpose is required.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal FB reference (VFB) and outputs a
current proportional to the difference between the
two. This output current is then used to charge or
discharge the internal compensation network to
form the COMP voltage, which is used to control
the power MOSFET current. The optimized
internal compensation network minimizes the
external component counts and simplifies the
control loop design.
Enable/Sync Control
EN/Sync is a digital control pin that turns the
regulator on and off. Drive EN high to turn on the
regulator, drive it low to turn it off. There is an
internal 1MEG resistor from EN/Sync to GND
thus EN/Sync can be floated to shut down the
chip.
1) Enabled by external logic H/L signal
The chip starts up once the enable signal goes
higher than EN/SYNC input high voltage (2V),
and is shut down when the signal is lower than
EN/SYNC input low voltage (0.4V). To disable
the chip, EN must be pulled low for at least 5µs.
The input is compatible with both CMOS and TTL.
2) Enabled by Vin through voltage divider.
Connect EN with VIN through a resistive voltage
divider for automatic startup as the figure 2
shows.
EN
VIN
REN1
REN2
Figure 2—Enable Divider Circuit
Choose the value of the pull-up resistor REN1 and
pull-down resistor REN2 to reset the automatic
start-up voltage:
EN1
EN2
IN_START
EN_RISING
EN2
(R
R
|| 1M )
VV
R|| 1M
+Ω
=⋅
Ω
EN1
EN2
IN_STOP
EN-FALLING
EN2
(R
R
|| 1M )
VV
R|| 1M
=
+Ω
⋅
Ω
Vin
EN/Sync
Vcc
Vout
VEN_Rising
5us
VEN_Falling
VIN_START
1ms
VCC_Rising
Turn On Delay
Turn Off Delay
VIN_STOP
Figure 3—Startup Sequence Using EN Divider
3) Synchronized by External Sync Clock Signal
The chip can be synchronized to external clock
range from 300kHz up to 2MHz through this pin
2ms right after output voltage is set, with the
internal clock rising edge synchronized to the
external clock rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com