Electronic Components Datasheet Search
  English  ▼

X  

MP8725EL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8725EL
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725EL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8725EL Datasheet HTML 6Page - Monolithic Power Systems MP8725EL Datasheet HTML 7Page - Monolithic Power Systems MP8725EL Datasheet HTML 8Page - Monolithic Power Systems MP8725EL Datasheet HTML 9Page - Monolithic Power Systems MP8725EL Datasheet HTML 10Page - Monolithic Power Systems MP8725EL Datasheet HTML 11Page - Monolithic Power Systems MP8725EL Datasheet HTML 12Page - Monolithic Power Systems MP8725EL Datasheet HTML 13Page - Monolithic Power Systems MP8725EL Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8725 Rev. 1.0
www.MonolithicPower.com
10
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Vin
EN/Sync
Vcc
Vout
CLK
5us
Foldback
500kHz
External CLK
0.625*Vout_set
2ms
1ms
VCC_Rising
Vout_set
Figure 4—Startup Sequence Using External
Sync Clock Signal
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The MP8725 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.2V.
Internal Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V to 1.2V. When it is lower
than the internal reference (REF), SS overrides
REF so the error amplifier uses SS as the
reference. When SS is higher than REF, REF
regains control. The SS time is internally fixed to
4ms.
Over-Current-Protection and Latch off
The MP8725 has cycle-by-cycle over current limit
when the inductor current peak value exceeds
the set current limit threshold. Meanwhile, output
voltage starts to drop until FB is below the Under-
Voltage (UV) threshold, typically 30% below the
reference. Once a UV is triggered, the MP8725 is
latched off until En or IN is recycled. This
protection mode is especially useful when the
output is dead-short to ground.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M3, C4,
L1 and C2 (Figure 5). If (VIN-VSW) is more than
5V, U2 will regulate M3 to maintain a 5V BST
voltage across C4.
SW
Figure 5—Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com