Electronic Components Datasheet Search
  English  ▼

X  

MP8725EL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8725EL
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725EL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8725EL Datasheet HTML 2Page - Monolithic Power Systems MP8725EL Datasheet HTML 3Page - Monolithic Power Systems MP8725EL Datasheet HTML 4Page - Monolithic Power Systems MP8725EL Datasheet HTML 5Page - Monolithic Power Systems MP8725EL Datasheet HTML 6Page - Monolithic Power Systems MP8725EL Datasheet HTML 7Page - Monolithic Power Systems MP8725EL Datasheet HTML 8Page - Monolithic Power Systems MP8725EL Datasheet HTML 9Page - Monolithic Power Systems MP8725EL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8725 Rev. 1.0
www.MonolithicPower.com
6
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1.2V, L = 1.8µH, TA = +25ºC, unless otherwise noted.
OUTPUT CURRENT (A)
Efficiency
VOUT=2.5V
Efficiency
VOUT=1.8V
OUTPUT CURRENT (A)
Efficiency
VOUT=1.2V
012
3
45
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
Vin=21V
Vin=12V
Vin=5V
Vin=5V
Vin=21V
Vin=12V
Vin=12V
Vin=21V
Vin=5V
012
3
45
0
10
20
30
40
50
60
70
80
90
100
012
3
45
0
10
20
30
40
50
60
70
80
90
100
Efficiency
VOUT=3.3V
012
3
45
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
Vin=21V
Vin=12V
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com