Electronic Components Datasheet Search
  English  ▼

X  

MP9115 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9115
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9115 Datasheet HTML 1Page - Monolithic Power Systems MP9115 Datasheet HTML 2Page - Monolithic Power Systems MP9115 Datasheet HTML 3Page - Monolithic Power Systems MP9115 Datasheet HTML 4Page - Monolithic Power Systems MP9115 Datasheet HTML 5Page - Monolithic Power Systems MP9115 Datasheet HTML 6Page - Monolithic Power Systems MP9115 Datasheet HTML 7Page - Monolithic Power Systems MP9115 Datasheet HTML 8Page - Monolithic Power Systems MP9115 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
3
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = PVIN =3.6V, VSHDN = GND, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
IIN
VSHDN = 0V, VFB = 0.9V
600
900
μA
Shutdown Current
ISHUT
VSHDN = VIN, VIN = 6V
0.01
1
μA
Thermal
Shutdown
Trip
Threshold
TSD
Hysteresis = 20°C
150
°C
SHDN Trip Threshold
SHDNVTH
-40°C ≤ TA ≤ +85°C
0.3
1.0
1.5
V
SHDN Input Current
ISHDN
VSHDN = 0V to 6.5V
-5
5
μA
IN
Undervoltage
Lockout
Threshold
INUVVTH
Rising Edge
2.15
2.40
2.65
V
IN
Undervoltage
Lockout
Hysteresis
INUVHYS
160
mV
TA = +25°C
0.784
0.800
0.816
Regulated FB Voltage
VFB
-40°C≤ TA≤ +85°C
0.776
0.800
0.824
V
FB Input Bias Current
IFB
VFB = 0.9V
-50
-2
+50
nA
PFET On Resistance
HSRDS-ON
ILx = 100mA
0.25
Ω
NFET On Resistance
LSRDS-ON
ILx = -100mA
0.20
Ω
LXHSLKG
VSHDN=3.6V;
VIN=6V;
VLx_=0V
-1
1
μA
LX Leakage Current
LXLSLKG
VSHDN =3.6V; VIN=6V;
VLx_=6V
-5
5
μA
PFET Peak Current Limit
ILIMIT
Duty Cycle=100%,
3.5
4.5
6
A
Switching Frequency
FSW
1.0
1.2
1.4
MHz
Notes:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com