Electronic Components Datasheet Search
  English  ▼

X  

MP9115 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP9115
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP9115 Datasheet HTML 2Page - Monolithic Power Systems MP9115 Datasheet HTML 3Page - Monolithic Power Systems MP9115 Datasheet HTML 4Page - Monolithic Power Systems MP9115 Datasheet HTML 5Page - Monolithic Power Systems MP9115 Datasheet HTML 6Page - Monolithic Power Systems MP9115 Datasheet HTML 7Page - Monolithic Power Systems MP9115 Datasheet HTML 8Page - Monolithic Power Systems MP9115 Datasheet HTML 9Page - Monolithic Power Systems MP9115 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
6
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L=2.2uH, TA = +25ºC, unless otherwise noted.
VOUT
500mV/div.
V_Lx
5V/div.
I_inductor
5A/div.
VOUT
500mV/div.
V_Lx
5V/div.
I_inductor
2A/div.
10us/div.
40us/div.
100us/div.
100us/div.
100us/div.
100us/div.
400ns/div.
400ns/div.
100us/div.
Short Entry
Full Load
Short Recovery
Full Load
Power up without Load
Power up with 2.5A Load
VOUT
1V/div.
VIN
50mV/div.
VIN
5V/div.
V_Lx
2V/div.
V_Lx
2V/div.
I_inductor
2A/div.
VOUT
1V/div.
VIN
2V/div.
V_Lx
2V/div.
I_inductor
500mA/div.
VOUT
50mV/div.
V_SHDN
2V/div.
V_Lx
5V/div.
I_inductor
2A/div.
IOUT
1A/div.
VOUT
1V/div.
VOUT
1V/div.
V_SHDN
2V/div.
V_Lx
5V/div.
I_inductor
500mA/div.
VOUT
20mV/div.
VIN
5V/div.
V_Lx
2V/div.
I_inductor
2A/div.
SHDN Start Up with 2.5A Load
SHDN Start up without Load
Input Ripple Voltage
Full Load
Output Ripple Voltage
Full Load
Load Transient Response
(1.25A-2.5A, Slew Rate:2.5A/uS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com