Electronic Components Datasheet Search
  English  ▼

X  

MP9115 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9115
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9115 Datasheet HTML 1Page - Monolithic Power Systems MP9115 Datasheet HTML 2Page - Monolithic Power Systems MP9115 Datasheet HTML 3Page - Monolithic Power Systems MP9115 Datasheet HTML 4Page - Monolithic Power Systems MP9115 Datasheet HTML 5Page - Monolithic Power Systems MP9115 Datasheet HTML 6Page - Monolithic Power Systems MP9115 Datasheet HTML 7Page - Monolithic Power Systems MP9115 Datasheet HTML 8Page - Monolithic Power Systems MP9115 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
4
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SHDN
Shut down input, “High” disables MP9115.
2
GND
Ground pin
3,4
LX
Switching node to the inductor
5
N/C
No connection
6
PVIN
Input supply pin for power FET
7
N/C
No connection
8
VIN
Input Supply pin for controller
9
FB
Feedback input pin
10
N/C
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com