Electronic Components Datasheet Search
  English  ▼

X  

MP9115 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP9115
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP9115 Datasheet HTML 3Page - Monolithic Power Systems MP9115 Datasheet HTML 4Page - Monolithic Power Systems MP9115 Datasheet HTML 5Page - Monolithic Power Systems MP9115 Datasheet HTML 6Page - Monolithic Power Systems MP9115 Datasheet HTML 7Page - Monolithic Power Systems MP9115 Datasheet HTML 8Page - Monolithic Power Systems MP9115 Datasheet HTML 9Page - Monolithic Power Systems MP9115 Datasheet HTML 10Page - Monolithic Power Systems MP9115 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
9
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The output voltage is set by the external resistor
divider:
1
OUT
2
R
V0.8 (1
)
R
=⋅ +
The feedforward capacitor is recommended when
output voltage is low, as Figure 2 shows.
Figure 2—Feedback Network
Table 1 lists the recommended resistors and
feedforward capacitors value for common output
voltages.
Table 1—Resistor and Feedforward Capacitor
Selection for Common Output Voltages
Vout
(V)
R1
(kΩ)
R2
(kΩ)
Cf
(pF)
C2 (uF)
Ceramic
L1
(uH)
1.2
120
240
22
44
2.2
1.5
120
137
18
44
2.2
1.8
120
95.3
18
44
2.2
2.5
120
56.2
NS
44
2.2
3.3
120
38.3
NS
44
2.2
Inductor Selection
A 1μH to 10μH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<200mΩ.
See
Table2
for
recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
Δ
×
−
×
=
Where ΔIL is inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, 2.5A.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Table 2—Suggested Inductors
Manufactu
rer
Part Number
Inductance
(μH)
Dimensions
LxWxH
(mm
3)
Wurth
7447745022
2.2
5.8X5.2X2
TDK
SLF6045T-
2R2N3R3-3PF
2.2
6X6X4.5
Input Capacitor CIN Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 10μF capacitor is sufficient.
Output Capacitor COUT Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. For
forced PWM mode operation, the output ripple
ΔVOUT is approximately:
OUT
IN
OUT
OUT
ESR
IN
OSC
OSC
OUT
V(V
V
)
11
V(R
)
Vf
L
8 f
C
⋅
−
Δ=
+ ⋅
⋅⋅
⋅
For most applications, a 33μF capacitor is
sufficient.
Thermal Dissipation
Power dissipation shall be considered when
operates MP9115 at maximum 2.5A output
current. If the junction temperature rises above
150
°C, MP9115 will be shut down by internal
thermal protection circuitry.
The junction-to-ambient thermal resistance of the
10-pin TQFN (3mm x 3mm) RΘJA is 50°C/W. The
maximum
allowable
power
dissipation
is
about1.6W when MP9115 is operating in a 70
°C
ambient temperature environment:
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com