Electronic Components Datasheet Search
  English  ▼

X  

MP9115 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP9115
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP9115 Datasheet HTML 3Page - Monolithic Power Systems MP9115 Datasheet HTML 4Page - Monolithic Power Systems MP9115 Datasheet HTML 5Page - Monolithic Power Systems MP9115 Datasheet HTML 6Page - Monolithic Power Systems MP9115 Datasheet HTML 7Page - Monolithic Power Systems MP9115 Datasheet HTML 8Page - Monolithic Power Systems MP9115 Datasheet HTML 9Page - Monolithic Power Systems MP9115 Datasheet HTML 10Page - Monolithic Power Systems MP9115 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP9115 – 2.7-6V, 2.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP9115 Rev. 0.92
www.MonolithicPower.com
8
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP9115 is a fixed frequency 1.2MHz current
mode 2.5A step-down converter, optimized for
low voltage, Li-Ion battery powered applications
where high efficiency and small size are critical.
MP9115 integrates a high side PFET main switch
and a low side synchronous rectifier. It always
operates
in
continuous
conduction
mode,
simplifies the control scheme and eliminates the
random spectrum noise due to discontinuous
conduction mode.
The steady state duty cycle D for this mode can
be calculated as:
%
100
V
V
%
100
f
T
D
IN
OUT
OSC
ON
×
≈
×
×
=
Where TON is the main switch on time and fOSC is
the oscillator frequency (1.2MHz typ.).
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current limiting for superior load and line
response as well as protection of the internal
main switch and synchronous rectifier. The
MP9115 switches at a constant frequency
(1.2MHz) and modulates the inductor peak
current to regulate the output voltage. Specifically,
for each cycle the PWM controller forces the
inductor peak current to an internal reference
level derived from the feedback error voltage. At
normal operation, the main switch is turned on at
each rise edge of the internal oscillator, and
remains on for a certain period of time to ramp up
the inductor current. As soon as the inductor
current reaches the reference level, the main
switch is turned off and immediately the
synchronous rectifier will be turned on to provide
the inductor current. In forced PWM mode, the
synchronous rectifier will stay on until the next
oscillator cycle.
Dropout Operation
The MP9115 allows the main switch to remain on
for more than one switching cycle to increase the
duty cycle when the input voltage is dropping
close to the output voltage. When the duty cycle
reaches 100%, the main switch is held on
continuously to deliver current to the output up to
the PFET current limit. In this case, the output
voltage becomes the input voltage minus the
voltage drop across the main switch and the
inductor.
Maximum Load Current
The MP9115 can operate down to 2.7V input
voltage; however the maximum load current
decreases at lower input due to a large IR drop
on the main switch and synchronous rectifier.
The slope compensation signal reduces the peak
inductor current as a function of the duty cycle to
prevent sub-harmonic oscillations at duty cycles
greater than 50%. Conversely, the current limit
increases as the duty cycle decreases.
Short Circuit Protection
When the output is shorted to ground, the
oscillator frequency is reduced to prevent the
inductor current from increasing beyond the
PFET current limit. The PFET current limit is also
reduced to lower the short circuit current. The
frequency and current limit will return to the
normal values once the short circuit condition is
removed and the feedback voltage approaches
0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com