Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 34 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 30Page - Microsemi Corporation A3P030 Datasheet HTML 31Page - Microsemi Corporation A3P030 Datasheet HTML 32Page - Microsemi Corporation A3P030 Datasheet HTML 33Page - Microsemi Corporation A3P030 Datasheet HTML 34Page - Microsemi Corporation A3P030 Datasheet HTML 35Page - Microsemi Corporation A3P030 Datasheet HTML 36Page - Microsemi Corporation A3P030 Datasheet HTML 37Page - Microsemi Corporation A3P030 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-20
Revision 13
Table 2-20 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions—Software Default Settings
Applicable to Standard I/O Banks
I/O Standard
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option2
Slew
Rate
VIL
VIH
VOL
VOH
IOL1 IOH1
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3 V LVTTL /
3.3 V
LVCMOS
8 mA
8 mA
High –0.3
0.8
2
3.6
0.4
2.4
8
8
3.3 V
LVCMOS
Wide Range3
100 µA
8 mA
High –0.3
0.8
2
3.6
0.2
VCCI – 0.2
0.1 0.1
2.5 V
LVCMOS
8 mA
8 mA
High –0.3
0.7
1.7
3.6
0.7
1.7
8
8
1.8 V
LVCMOS
4 mA
4 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 3.6
0.45
VCCI – 0.45
4
4
1.5 V
LVCMOS
2 mA
2 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 3.6 0.25 * VCCI 0.75 * VCCI
2
2
Notes:
1. Currents are measured at 85°C junction temperature.
2. Please note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will NOT
operate at the equivalent software default drive strength. These values are for Normal Ranges ONLY.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
Table 2-21 • Summary of Maximum and Minimum DC Input Levels
Applicable to Commercial and Industrial Conditions
DC I/O Standards
Commercial1
Industrial2
IIL3
IIH4
IIL3
IIH4
µA
µA
µA
µA
3.3 V LVTTL / 3.3 V LVCMOS
10
10
15
15
3.3 V LVCMOS Wide Range
10
10
15
15
2.5 V LVCMOS
10
10
15
15
1.8 V LVCMOS
10
10
15
15
1.5 V LVCMOS
10
10
15
15
3.3 V PCI
10
10
15
15
3.3 V PCI-X
10
10
15
15
Notes:
1. Commercial range (0°C < TA < 70°C)
2. Industrial range (–40°C < TA < 85°C)
3. IIL is the input leakage current per I/O pin over recommended operation conditions where
–0.3V < VIN <VIL.
4. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com