Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 44 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 40Page - Microsemi Corporation A3P030 Datasheet HTML 41Page - Microsemi Corporation A3P030 Datasheet HTML 42Page - Microsemi Corporation A3P030 Datasheet HTML 43Page - Microsemi Corporation A3P030 Datasheet HTML 44Page - Microsemi Corporation A3P030 Datasheet HTML 45Page - Microsemi Corporation A3P030 Datasheet HTML 46Page - Microsemi Corporation A3P030 Datasheet HTML 47Page - Microsemi Corporation A3P030 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-30
Revision 13
The length of time an I/O can withstand IOSH/IOSL events depends on the junction temperature. The
reliability data below is based on a 3.3 V, 12 mA I/O setting, which is the worst case for this type of
analysis.
For example, at 100°C, the short current condition would have to be sustained for more than six months
to cause a reliability concern. The I/O design does not contain any short circuit protection, but such
protection would only be needed in extremely prolonged stress conditions.
Table 2-34 • I/O Short Currents IOSH/IOSL
Applicable to Standard I/O Banks
Drive Strength
IOSL (mA)*
IOSH (mA)*
3.3 V LVTTL / 3.3 V LVCMOS
2 mA
27
25
4 mA
27
25
6 mA
54
51
8 mA
54
51
3.3 V LVCMOS Wide Range2
100 µA
Same as regular
3.3 V LVCMOS
Same as regular
3.3 V LVCMOS
2.5 V LVCMOS
2 mA
18
16
4 mA
18
16
6 mA
37
32
8 mA
37
32
1.8 V LVCMOS
2 mA
11
9
4 mA
22
17
1.5 V LVCMOS
2 mA
16
13
Notes:
1. TJ = 100°C
2. Applicable to 3.3 V LVCMOS Wide Range. IOSL/IOSH dependent on the I/O buffer drive strength selected
for wide range applications. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as
specified in the JESD-8B specification.
Table 2-35 • Duration of Short Circuit Event Before Failure
Temperature
Time before Failure
–40°C
> 20 years
0°C
> 20 years
25°C
> 20 years
70°C
5 years
85°C
2 years
100°C
6 months
Table 2-36 • I/O Input Rise Time, Fall Time, and Related I/O Reliability
Input Buffer
Input Rise/Fall Time (min.) Input Rise/Fall Time (max.)
Reliability
LVTTL/LVCMOS
No requirement
10 ns *
20 years (110°C)
LVDS/B-LVDS/
M-LVDS/LVPECL
No requirement
10 ns *
10 years (100°C)
Note: *The maximum input rise/fall time is related to the noise induced into the input buffer trace. If the
noise is low, then the rise time and fall time of input buffers can be increased beyond the maximum
value. The longer the rise/fall times, the more susceptible the input signal is to the board noise.
Microsemi recommends signal integrity evaluation/characterization of the system to ensure that
there is no excessive noise coupling into input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com