Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 4 Page - Microsemi Corporation

  A3P030 Datasheet HTML 1Page - Microsemi Corporation A3P030 Datasheet HTML 2Page - Microsemi Corporation A3P030 Datasheet HTML 3Page - Microsemi Corporation A3P030 Datasheet HTML 4Page - Microsemi Corporation A3P030 Datasheet HTML 5Page - Microsemi Corporation A3P030 Datasheet HTML 6Page - Microsemi Corporation A3P030 Datasheet HTML 7Page - Microsemi Corporation A3P030 Datasheet HTML 8Page - Microsemi Corporation A3P030 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 220 page
background image
ProASIC3 Flash Family FPGAs
IV
Revision 13
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
References made to ProASIC3 devices also apply to ARM-enabled ProASIC3 devices. The ARM-enabled part numbers start with
M1 (Cortex-M1).
Contact your local Microsemi representative for device availability: http://www.microsemi.com/soc/contact/default.aspx.
A3P015 and A3P030
The A3P015 and A3P030 are architecturally compatible; there are no RAM or PLL features.
Devices Not Recommended For New Designs
A3P015 is not recommended for new designs.
Package
A3P015*
A3P030
A3P060
A3P125
A3P250
A3P400
A3P600
A3P1000
Cortex-M1 Devices
M1A3P250
M1A3P400
M1A3P600
M1A3P1000
QN48
–
C, I
–
–
–
–
–
–
QN68
C, I
C, I
–
–
–
–
–
–
QN132
–
C, I
C, I
C, I
C, I
–
–
–
CS121
–
–
C, I
–
–––
–
VQ100
–
C, IC, IC, I
C, I
–
–
–
TQ144
–
–
C, I
C, I
–––
–
PQ208
–
–
–
C, I
C, I
C, I
C, I
C, I
FG144
–
–
C, I
C, I
C, I
C, I
C, I
C, I
FG256
–
–
–
–
C, I
C, I
C, I
C, I
FG484
–
–
–
–
–
C, I
C, I
C, I
Note: *A3P015 is not recommended for new designs.
C = Commercial temperature range: 0°C to 70°C ambient temperature
I = Industrial temperature range: –40°C to 85°C ambient temperature
Temperature Grade
Std.
–1
–2
C 1

I 2

Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature
2. I = Industrial temperature range: –40°C to 85°C ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com