Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 59Page - Microsemi Corporation A3P030 Datasheet HTML 60Page - Microsemi Corporation A3P030 Datasheet HTML 61Page - Microsemi Corporation A3P030 Datasheet HTML 62Page - Microsemi Corporation A3P030 Datasheet HTML 63Page - Microsemi Corporation A3P030 Datasheet HTML 64Page - Microsemi Corporation A3P030 Datasheet HTML 65Page - Microsemi Corporation A3P030 Datasheet HTML 66Page - Microsemi Corporation A3P030 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-49
Table 2-61 • 2.5 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.60
11.40
0.04
1.31
0.43
11.22
11.40
2.68
2.20
13.45
13.63
ns
–1
0.51
9.69
0.04
1.11
0.36
9.54
9.69
2.28
1.88
11.44
11.60
ns
–2
0.45
8.51
0.03
0.98
0.32
8.38
8.51
2.00
1.65
10.05
10.18
ns
6 mA
Std.
0.60
7.96
0.04
1.31
0.43
8.11
7.81
3.05
2.89
10.34
10.05
ns
–1
0.51
6.77
0.04
1.11
0.36
6.90
6.65
2.59
2.46
8.80
8.55
ns
–2
0.45
5.94
0.03
0.98
0.32
6.05
5.84
2.28
2.16
7.72
7.50
ns
8 mA
Std.
0.60
7.96
0.04
1.31
0.43
8.11
7.81
3.05
2.89
10.34
10.05
ns
–1
0.51
6.77
0.04
1.11
0.36
6.90
6.65
2.59
2.46
8.80
8.55
ns
–2
0.45
5.94
0.03
0.98
0.32
6.05
5.84
2.28
2.16
7.72
7.50
ns
12 mA
Std.
0.60
6.18
0.04
1.31
0.43
6.29
5.92
3.30
3.32
8.53
8.15
ns
–1
0.51
5.26
0.04
1.11
0.36
5.35
5.03
2.81
2.83
7.26
6.94
ns
–2
0.45
4.61
0.03
0.98
0.32
4.70
4.42
2.47
2.48
6.37
6.09
ns
16 mA
Std.
0.60
5.76
0.04
1.31
0.43
5.87
5.53
3.36
3.44
8.11
7.76
ns
–1
0.51
4.90
0.04
1.11
0.36
4.99
4.70
2.86
2.92
6.90
6.60
ns
–2
0.45
4.30
0.03
0.98
0.32
4.38
4.13
2.51
2.57
6.05
5.80
ns
24 mA
Std.
0.60
5.51
0.04
1.31
0.43
5.50
5.51
3.43
3.87
7.74
7.74
ns
–1
0.51
4.68
0.04
1.11
0.36
4.68
4.68
2.92
3.29
6.58
6.59
ns
–2
0.45
4.11
0.03
0.98
0.32
4.11
4.11
2.56
2.89
5.78
5.78
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com