Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 44Page - Microsemi Corporation A3P030 Datasheet HTML 45Page - Microsemi Corporation A3P030 Datasheet HTML 46Page - Microsemi Corporation A3P030 Datasheet HTML 47Page - Microsemi Corporation A3P030 Datasheet HTML 48Page - Microsemi Corporation A3P030 Datasheet HTML 49Page - Microsemi Corporation A3P030 Datasheet HTML 50Page - Microsemi Corporation A3P030 Datasheet HTML 51Page - Microsemi Corporation A3P030 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-34
Revision 13
Table 2-42 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.66
10.26
0.04
1.02
0.43
10.45
8.90
2.64
2.46
12.68
11.13
ns
–1
0.56
8.72
0.04
0.86
0.36
8.89
7.57
2.25
2.09
10.79
9.47
ns
–2
0.49
7.66
0.03
0.76
0.32
7.80
6.64
1.98
1.83
9.47
8.31
ns
6 mA
Std.
0.66
7.27
0.04
1.02
0.43
7.41
6.28
2.98
3.04
9.65
8.52
ns
–1
0.56
6.19
0.04
0.86
0.36
6.30
5.35
2.54
2.59
8.20
7.25
ns
–2
0.49
5.43
0.03
0.76
0.32
5.53
4.69
2.23
2.27
7.20
6.36
ns
8 mA
Std.
0.66
7.27
0.04
1.02
0.43
7.41
6.28
2.98
3.04
9.65
8.52
ns
–1
0.56
6.19
0.04
0.86
0.36
6.30
5.35
2.54
2.59
8.20
7.25
ns
–2
0.49
5.43
0.03
0.76
0.32
5.53
4.69
2.23
2.27
7.20
6.36
ns
12 mA
Std.
0.66
5.58
0.04
1.02
0.43
5.68
4.87
3.21
3.42
7.92
7.11
ns
–1
0.56
4.75
0.04
0.86
0.36
4.84
4.14
2.73
2.91
6.74
6.05
ns
–2
0.49
4.17
0.03
0.76
0.32
4.24
3.64
2.39
2.55
5.91
5.31
ns
16 mA
Std.
0.66
5.21
0.04
1.02
0.43
5.30
4.56
3.26
3.51
7.54
6.80
ns
–1
0.56
4.43
0.04
0.86
0.36
4.51
3.88
2.77
2.99
6.41
5.79
ns
–2
0.49
3.89
0.03
0.76
0.32
3.96
3.41
2.43
2.62
5.63
5.08
ns
24 mA
Std.
0.66
4.85
0.04
1.02
0.43
4.94
4.54
3.32
3.88
7.18
6.78
ns
–1
0.56
4.13
0.04
0.86
0.36
4.20
3.87
2.82
3.30
6.10
5.77
ns
–2
0.49
3.62
0.03
0.76
0.32
3.69
3.39
2.48
2.90
5.36
5.06
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com