Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 98Page - Microsemi Corporation A3P030 Datasheet HTML 99Page - Microsemi Corporation A3P030 Datasheet HTML 100Page - Microsemi Corporation A3P030 Datasheet HTML 101Page - Microsemi Corporation A3P030 Datasheet HTML 102Page - Microsemi Corporation A3P030 Datasheet HTML 103Page - Microsemi Corporation A3P030 Datasheet HTML 104Page - Microsemi Corporation A3P030 Datasheet HTML 105Page - Microsemi Corporation A3P030 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-88
Revision 13
Table 2-113 • A3P600 Global Resource
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
0.87
1.09
0.99
1.24
1.17
1.46
ns
tRCKH
Input High Delay for Global Clock
0.86
1.11
0.98
1.27
1.15
1.49
ns
tRCKMPWH Minimum Pulse Width High for Global Clock
0.75
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
0.96
1.13
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.29
0.34
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element,
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element, located in a fully
loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-114 • A3P1000 Global Resource
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
0.94
1.16
1.07
1.32
1.26
1.55
ns
tRCKH
Input High Delay for Global Clock
0.93
1.19
1.06
1.35
1.24
1.59
ns
tRCKMPWH Minimum Pulse Width High for Global Clock
0.75
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
0.96
1.13
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.29
0.35
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element,
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element, located in a fully
loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com