Electronic Components Datasheet Search
  English  ▼

X  

A3P015 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 19Page - Microsemi Corporation A3P015 Datasheet HTML 20Page - Microsemi Corporation A3P015 Datasheet HTML 21Page - Microsemi Corporation A3P015 Datasheet HTML 22Page - Microsemi Corporation A3P015 Datasheet HTML 23Page - Microsemi Corporation A3P015 Datasheet HTML 24Page - Microsemi Corporation A3P015 Datasheet HTML 25Page - Microsemi Corporation A3P015 Datasheet HTML 26Page - Microsemi Corporation A3P015 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-9
Table 2-13 • Summary of I/O Output Buffer Power (Per Pin) – Default I/O Software Settings 1
Applicable to Standard I/O Banks
CLOAD (pF)
VCCI (V)
Static Power
PDC3 (mW) 2
Dynamic Power
PAC10 (µW/MHz) 3
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
35
3.3
–
431.08
3.3 V LVCMOS Wide Range4
35
3.3
–
431.08
2.5 V LVCMOS
35
2.5
–
247.36
1.8 V LVCMOS
35
1.8
–
128.46
1.5 V LVCMOS (JESD8-11)
35
1.5
–
89.46
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output slew.
2. PDC3 is the static power (where applicable) measured on VCCI.
3. PAC10 is the total dynamic power measured on VCC and VCCI.
4. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com