Electronic Components Datasheet Search
  English  ▼

X  

A3P015 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 60Page - Microsemi Corporation A3P015 Datasheet HTML 61Page - Microsemi Corporation A3P015 Datasheet HTML 62Page - Microsemi Corporation A3P015 Datasheet HTML 63Page - Microsemi Corporation A3P015 Datasheet HTML 64Page - Microsemi Corporation A3P015 Datasheet HTML 65Page - Microsemi Corporation A3P015 Datasheet HTML 66Page - Microsemi Corporation A3P015 Datasheet HTML 67Page - Microsemi Corporation A3P015 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-50
Revision 13
Table 2-62 • 2.5 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.66
8.28
0.04
1.30
0.43
7.41
8.28
2.25
2.07
9.64
10.51
ns
–1
0.56
7.04
0.04
1.10
0.36
6.30
7.04
1.92
1.76
8.20
8.94
ns
–2
0.49
6.18
0.03
0.97
0.32
5.53
6.18
1.68
1.55
7.20
7.85
ns
6 mA
Std.
0.66
4.85
0.04
1.30
0.43
4.65
4.85
2.59
2.71
6.88
7.09
ns
–1
0.56
4.13
0.04
1.10
0.36
3.95
4.13
2.20
2.31
5.85
6.03
ns
–2
0.49
3.62
0.03
0.97
0.32
3.47
3.62
1.93
2.02
5.14
5.29
ns
8 mA
Std.
0.66
4.85
0.04
1.30
0.43
4.65
4.85
2.59
2.71
6.88
7.09
ns
–1
0.56
4.13
0.04
1.10
0.36
3.95
4.13
2.20
2.31
5.85
6.03
ns
–2
0.49
3.62
0.03
0.97
0.32
3.47
3.62
1.93
2.02
5.14
5.29
ns
12 mA
Std.
0.66
3.21
0.04
1.30
0.43
3.27
3.14
2.82
3.11
5.50
5.38
ns
–1
0.56
2.73
0.04
1.10
0.36
2.78
2.67
2.40
2.65
4.68
4.57
ns
–2
0.49
2.39
0.03
0.97
0.32
2.44
2.35
2.11
2.32
4.11
4.02
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-63 • 2.5 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.66
10.84
0.04
1.30
0.43
10.64
10.84
2.26
1.99
12.87
13.08
ns
–1
0.56
9.22
0.04
1.10
0.36
9.05
9.22
1.92
1.69
10.95
11.12
ns
–2
0.49
8.10
0.03
0.97
0.32
7.94
8.10
1.68
1.49
9.61
9.77
ns
6 mA
Std.
0.66
7.37
0.04
1.30
0.43
7.50
7.36
2.59
2.61
9.74
9.60
ns
–1
0.56
6.27
0.04
1.10
0.36
6.38
6.26
2.20
2.22
8.29
8.16
ns
–2
0.49
5.50
0.03
0.97
0.32
5.60
5.50
1.93
1.95
7.27
7.17
ns
8 mA
Std.
0.66
7.37
0.04
1.30
0.43
7.50
7.36
2.59
2.61
9.74
9.60
ns
–1
0.56
6.27
0.04
1.10
0.36
6.38
6.26
2.20
2.22
8.29
8.16
ns
–2
0.49
5.50
0.03
0.97
0.32
5.60
5.50
1.93
1.95
7.27
7.17
ns
12 mA
Std.
0.66
5.63
0.04
1.30
0.43
5.73
5.51
2.83
3.01
7.97
7.74
ns
–1
0.56
4.79
0.04
1.10
0.36
4.88
4.68
2.41
2.56
6.78
6.59
ns
–2
0.49
4.20
0.03
0.97
0.32
4.28
4.11
2.11
2.25
5.95
5.78
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com