Electronic Components Datasheet Search
  English  ▼

X  

A3P015 Datasheet(PDF) 60 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 56Page - Microsemi Corporation A3P015 Datasheet HTML 57Page - Microsemi Corporation A3P015 Datasheet HTML 58Page - Microsemi Corporation A3P015 Datasheet HTML 59Page - Microsemi Corporation A3P015 Datasheet HTML 60Page - Microsemi Corporation A3P015 Datasheet HTML 61Page - Microsemi Corporation A3P015 Datasheet HTML 62Page - Microsemi Corporation A3P015 Datasheet HTML 63Page - Microsemi Corporation A3P015 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-46
Revision 13
2.5 V LVCMOS
Low-Voltage CMOS for 2.5 V is an extension of the LVCMOS standard (JESD8-5) used for general-
purpose 2.5 V applications.
Table 2-56 • Minimum and Maximum DC Input and Output Levels
Applicable to Advanced I/O Banks
2.5 V LVCMOS
VIL
VIH
VOL
VOH IOL IOH
IOSL
IOSH
IIL1 IIH2
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA3
Max.
mA3
µA4 µA4
2 mA
–0.3
0.7
1.7
2.7
0.7
1.7
2
2
18
16
10 10
4 mA
–0.3
0.7
1.7
2.7
0.7
1.7
4
4
18
16
10 10
6 mA
–0.3
0.7
1.7
2.7
0.7
1.7
6
6
37
32
10 10
8 mA
–0.3
0.7
1.7
2.7
0.7
1.7
8
8
37
32
10 10
12 mA
–0.3
0.7
1.7
2.7
0.7
1.7
12 12
74
65
10 10
16 mA
–0.3
0.7
1.7
2.7
0.7
1.7
16 16
87
83
10 10
24 mA
–0.3
0.7
1.7
2.7
0.7
1.7
24 24
124
169
10 10
Notes:
1. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
2. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges
3. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
4. Currents are measured at 85°C junction temperature.
5. Software default selection highlighted in gray.
Table 2-57 • Minimum and Maximum DC Input and Output Levels
Applicable to Standard Plus I/O Banks
2.5 V LVCMOS
VIL
VIH
VOL
VOH
IOL IOH
IOSL
IOSH
IIL1 IIH2
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA3
Max.
mA3
µA4 µA4
2 mA
–0.3
0.7
1.7
2.7
0.7
1.7
2
2
18
16
10 10
4 mA
–0.3
0.7
1.7
2.7
0.7
1.7
4
4
18
16
10 10
6 mA
–0.3
0.7
1.7
2.7
0.7
1.7
6
6
37
32
10 10
8 mA
–0.3
0.7
1.7
2.7
0.7
1.7
8
8
37
32
10 10
12 mA
–0.3
0.7
1.7
2.7
0.7
1.7
12
12
74
65
10 10
Notes:
1. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
2. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges
3. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
4. Currents are measured at 85°C junction temperature.
5. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com