Electronic Components Datasheet Search
  English  ▼

X  

A3P015 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 68Page - Microsemi Corporation A3P015 Datasheet HTML 69Page - Microsemi Corporation A3P015 Datasheet HTML 70Page - Microsemi Corporation A3P015 Datasheet HTML 71Page - Microsemi Corporation A3P015 Datasheet HTML 72Page - Microsemi Corporation A3P015 Datasheet HTML 73Page - Microsemi Corporation A3P015 Datasheet HTML 74Page - Microsemi Corporation A3P015 Datasheet HTML 75Page - Microsemi Corporation A3P015 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-58
Revision 13
1.5 V LVCMOS (JESD8-11)
Low-Voltage CMOS for 1.5 V is an extension of the LVCMOS standard (JESD8-5) used for general-
purpose 1.5 V applications. It uses a 1.5 V input buffer and a push-pull output buffer.
Table 2-75 • 1.8 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.66
15.01
0.04
1.20
0.43
13.15
15.01
1.99
1.99
ns
–1
0.56
12.77
0.04
1.02
0.36
11.19
12.77
1.70
1.70
ns
–2
0.49
11.21
0.03
0.90
0.32
9.82
11.21
1.49
1.49
ns
4 mA
Std.
0.66
10.10
0.04
1.20
0.43
9.55
10.10
2.41
2.37
ns
–1
0.56
8.59
0.04
1.02
0.36
8.13
8.59
2.05
2.02
ns
–2
0.49
7.54
0.03
0.90
0.32
7.13
7.54
1.80
1.77
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-76 • Minimum and Maximum DC Input and Output Levels
Applicable to Advanced I/O Banks
1.5 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH IOSL IOSH IIL1 IIH2
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.,
V
Max.
V
Min.
VmA mA
Max.
mA3
Max.
mA3 µA4 µA4
2 mA
–0.3
0.35 * VCCI
0.65 * VCCI 1.575
0.25 * VCCI 0.75 * VCCI
2
2
16
13
10 10
4 mA
–0.3
0.35 * VCCI
0.65 * VCCI 1.575
0.25 * VCCI 0.75 * VCCI
4
4
33
25
10 10
6 mA
–0.3
0.35 * VCCI
0.65 * VCCI 1.575
0.25 * VCCI 0.75 * VCCI 6
6
39
32
10 10
8 mA
–0.3
0.35 * VCCI
0.65 * VCCI 1.575
0.25 * VCCI 0.75 * VCCI 8
8
55
66
10 10
12 mA
–0.3
0.35 * VCCI
0.65 * VCCI 1.575
0.25 * VCCI 0.75 * VCCI 12 12
55
66
10 10
Notes:
1. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
2. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges
3. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
4. Currents are measured at 85°C junction temperature.
5. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com