Electronic Components Datasheet Search
  English  ▼

X  

A3P015 Datasheet(PDF) 36 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 32Page - Microsemi Corporation A3P015 Datasheet HTML 33Page - Microsemi Corporation A3P015 Datasheet HTML 34Page - Microsemi Corporation A3P015 Datasheet HTML 35Page - Microsemi Corporation A3P015 Datasheet HTML 36Page - Microsemi Corporation A3P015 Datasheet HTML 37Page - Microsemi Corporation A3P015 Datasheet HTML 38Page - Microsemi Corporation A3P015 Datasheet HTML 39Page - Microsemi Corporation A3P015 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-22
Revision 13
Table 2-24 • Summary of I/O Timing Characteristics—Software Default Settings
–2 Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst Case VCC = 1.425 V,
Worst-Case VCCI (per standard)
Advanced I/O Banks
I/O Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA 12 mA High 35
– 0.45 2.64 0.03 0.76 0.32 2.69 2.11 2.40 2.68 4.36 3.78 ns
3.3 V LVCMOS
Wide Range2
100 µA 12 mA High 35
– 0.45 4.08 0.03 0.76 0.32 4.08 3.20 3.71 4.14 6.61 5.74 ns
2.5 V LVCMOS
12 mA 12 mA High 35
– 0.45 2.66 0.03 0.98 0.32 2.71 2.56 2.47 2.57 4.38 4.23 ns
1.8 V LVCMOS
12 mA 12 mA High 35
– 0.45 2.64 0.03 0.91 0.32 2.69 2.27 2.76 3.05 4.36 3.94 ns
1.5 V LVCMOS
12 mA 12 mA High 35
– 0.45 3.05 0.03 1.07 0.32 3.10 2.67 2.95 3.14 4.77 4.34 ns
3.3 V PCI
Per
PCI
spec
–
High 10 25 4 0.45 2.00 0.03 0.65 0.32 2.04 1.46 2.40 2.68 3.71 3.13 ns
3.3 V PCI-X
Per
PCI-X
spec
–
High 10 25 4 0.45 2.00 0.03 0.62 0.32 2.04 1.46 2.40 2.68 3.71 3.13 ns
LVDS
24 mA
–
High
–
– 0.45 1.37 0.03 1.20
–
–
–
–
–
–
–
ns
LVPECL
24 mA
–
High
–
– 0.45 1.34 0.03 1.05
–
–
–
–
–
–
–
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
4. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-10 on page 2-63 for
connectivity. This resistor is not required during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com