Electronic Components Datasheet Search
  English  ▼

X  

A3P015 Datasheet(PDF) 109 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 109 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 105Page - Microsemi Corporation A3P015 Datasheet HTML 106Page - Microsemi Corporation A3P015 Datasheet HTML 107Page - Microsemi Corporation A3P015 Datasheet HTML 108Page - Microsemi Corporation A3P015 Datasheet HTML 109Page - Microsemi Corporation A3P015 Datasheet HTML 110Page - Microsemi Corporation A3P015 Datasheet HTML 111Page - Microsemi Corporation A3P015 Datasheet HTML 112Page - Microsemi Corporation A3P015 Datasheet HTML 113Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-95
tRECRSTB
RESET recovery
1.50 1.71 2.01
ns
tMPWRSTB
RESET minimum pulse width
0.21 0.24 0.29
ns
tCYC
Clock cycle time
3.23 3.68 4.32
ns
FMAX
Maximum frequency
310
272
231
MHz
Table 2-116 • RAM4K9
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V (continued)
Parameter
Description
–2
–1
Std. Units
Notes:
1. For more information, refer to the application note Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com