Electronic Components Datasheet Search
  English  ▼

X  

APA300 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # APA300
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA300 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button APA300 Datasheet HTML 37Page - Microsemi Corporation APA300 Datasheet HTML 38Page - Microsemi Corporation APA300 Datasheet HTML 39Page - Microsemi Corporation APA300 Datasheet HTML 40Page - Microsemi Corporation APA300 Datasheet HTML 41Page - Microsemi Corporation APA300 Datasheet HTML 42Page - Microsemi Corporation APA300 Datasheet HTML 43Page - Microsemi Corporation APA300 Datasheet HTML 44Page - Microsemi Corporation APA300 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-37
IOSH
Output Short Circuit Current High
High Drive (OB25LPH)
Low Drive (OB25LPL)
VIN = VSS
VIN = VSS
–120
–100
mA
IOSL
Output Short Circuit Current Low
High Drive (OB25LPH)
Low Drive (OB25LPL)
VIN = VDDP
VIN = VDDP
100
30
mA
CI/O
I/O Pad Capacitance
10
pF
CCLK
Clock Input Pad Capacitance
10
pF
Table 1-21 • DC Electrical Specifications (VDDP = 2.5 V ±0.2V) (Continued)
Symbol
Parameter
Conditions
Commercial/Industrial/
Military/MIL-STD-8831, 2
Min.
Typ.
Max.
Units
Notes:
1. All process conditions. Commercial/Industrial: Junction Temperature: –40 to +110°C.
2. All process conditions. Military: Junction Temperature: –55 to +150°C.
3. All –F parts are available only as commercial.
4. No pull-up resistor.
5. This will not exceed 2 mA total per device.
6. During transitions, the input signal may overshoot to VDDP +1.0V for a limited time of no larger than 10% of the duty cycle.
7. During transitions, the input signal may undershoot to -1.0V for a limited time of no larger than 10% of the duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com