Electronic Components Datasheet Search
  English  ▼

X  

APA300 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # APA300
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA300 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button APA300 Datasheet HTML 52Page - Microsemi Corporation APA300 Datasheet HTML 53Page - Microsemi Corporation APA300 Datasheet HTML 54Page - Microsemi Corporation APA300 Datasheet HTML 55Page - Microsemi Corporation APA300 Datasheet HTML 56Page - Microsemi Corporation APA300 Datasheet HTML 57Page - Microsemi Corporation APA300 Datasheet HTML 58Page - Microsemi Corporation APA300 Datasheet HTML 59Page - Microsemi Corporation APA300 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 52
v5.2
Table 1-46 • Recommended Operating Conditions
Parameter
Symbol
Limits
Commercial/Industrial
Military/MIL-STD-883
Maximum Clock Frequency*
fCLOCK
180 MHz
180 MHz
Maximum RAM Frequency*
fRAM
150 MHz
150 MHz
Maximum Rise/Fall Time on Inputs*
•
Schmitt Trigger Mode (10% to 90%)
•
Non-Schmitt Trigger Mode (10% to
90%)
tR/tF
tR/tF
N/A
100 ns
100 ns
10 ns
Maximum LVPECL Frequency*
180 MHz
180 MHz
Maximum TCK Frequency (JTAG)
fTCK
10 MHz
10 MHz
Note: *All –F parts will be 20% slower than standard commercial devices.
Table 1-47 • Slew Rates Measured at C = 30pF, Nominal Power Supplies and 25°C
Type
Trig. Level
Rising Edge (ns)
Slew Rate (V/ns)
Falling Edge (ns)
Slew Rate (V/ns)
PCI Mode
OB33PH
10%-90%
1.60
1.65
1.65
1.60
Yes
OB33PN
10%-90%
1.57
1.68
3.32
0.80
No
OB33PL
10%-90%
1.57
1.68
1.99
1.32
No
OB33LH
10%-90%
3.80
0.70
4.84
0.55
No
OB33LN
10%-90%
4.19
0.63
3.37
0.78
No
OB33LL
10%-90%
5.49
0.48
2.98
0.89
No
OB25LPHH
10%-90%
1.55
1.29
1.56
1.28
No
OB25LPHN
10%-90%
1.70
1.18
2.08
0.96
No
OB25LPHL
10%-90%
1.97
1.02
2.09
0.96
No
OB25LPLH
10%-90%
3.57
0.56
3.93
0.51
No
OB25LPLN
10%-90%
4.65
0.43
3.28
0.61
No
OB25LPLL
10%-90%
5.52
0.36
3.44
0.58
No
Notes:
1. Standard and –F parts.
2. All –F only available as commercial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com